Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4014Y Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ4014Y
Description  256Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4014Y Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ4014Y Datasheet HTML 5Page - Texas Instruments BQ4014Y Datasheet HTML 6Page - Texas Instruments BQ4014Y Datasheet HTML 7Page - Texas Instruments BQ4014Y Datasheet HTML 8Page - Texas Instruments BQ4014Y Datasheet HTML 9Page - Texas Instruments BQ4014Y Datasheet HTML 10Page - Texas Instruments BQ4014Y Datasheet HTML 11Page - Texas Instruments BQ4014Y Datasheet HTML 12Page - Texas Instruments BQ4014Y Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Sept. 1992
Data Sheet Revision History (Sept. 1992 Changes From Sept. 1990)
Clarification of ICC test conditions, page 3.
bq4014/bq4014Y
MB: 32-Pin B-Type Module
32-Pin MB (B-Type Module)
Dimension
Minimum
Maximum
A
0.365
0.375
A1
0.015
-
B
0.017
0.023
C
0.008
0.013
D
2.070
2.100
E
0.710
0.740
e
0.590
0.630
G
0.090
0.110
L
0.120
0.150
S
0.275
0.310
All dimensions are in inches.
9


Similar Part No. - BQ4014Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014YMB-120 TI-BQ4014YMB-120 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014YMB-85 TI-BQ4014YMB-85 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4014Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
White Electronic Design...
EDI88257C WEDC-EDI88257C Datasheet
285Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
List of Unclassifed Man...
WSF256K8-XCX ETC1-WSF256K8-XCX Datasheet
32Kb / 2P
   256Kx8 SRAM/ FLASH MODULE
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com