Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC184DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC184DR
Description  DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC184DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC184DR Datasheet HTML 2Page - Texas Instruments SN65LBC184DR Datasheet HTML 3Page - Texas Instruments SN65LBC184DR Datasheet HTML 4Page - Texas Instruments SN65LBC184DR Datasheet HTML 5Page - Texas Instruments SN65LBC184DR Datasheet HTML 6Page - Texas Instruments SN65LBC184DR Datasheet HTML 7Page - Texas Instruments SN65LBC184DR Datasheet HTML 8Page - Texas Instruments SN65LBC184DR Datasheet HTML 9Page - Texas Instruments SN65LBC184DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN65LBC184, SN75LBC184
DIFFERENTIAL TRANSCEIVER
WITH TRANSIENT VOLTAGE SUPPRESSION
SLLS236G − OCTOBER 1996 − REVISED MARCH 2007
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DE = RE = 0 V,
No Load
3.9
mA
ICC
Supply current (total package)
RE = 5 V,
No Load
DE = 0 V,
300
µA
VI = 12 V
250
II
Input current
Other input = 0 V
VI = 12 V,
VCC = 0
250
A
II
Input current
Other input = 0 V
VI = − 7 V
− 200
µA
VI = − 7 V,
VCC = 0
− 200
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±100
µA
Vhys
Input hysteresis voltage
70
mV
VIT +
Positive-going input threshold voltage
200
mV
VIT−
Negative-going input threshold voltage
− 200
mV
VOH
High-level output voltage
IOH = − 8 mA
Figure 7
2.8
V
VOL
Low-level output voltage
IOL = 4 mA
Figure 7
0.4
V
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL = 50 pF,
See Figure 7
150
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 50 pF,
See Figure 7
150
ns
tsk(p)
Pulse skew (| tpHL − tpLH |)
50
ns
tr
Rise time, single ended
See Figure 7
20
ns
tf
Fall time, single ended
See Figure 7
20
ns
tPZH
Output enable time to high level
100
ns
tPZL
Output enable time to low level
See Figure 8
100
ns
tPHZ
Output disable time from high level
See Figure 8
100
ns
tPLZ
Output disable time from low level
100
ns


Similar Part No. - SN65LBC184DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184DR TI-SN65LBC184DR Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DR TI1-SN65LBC184DR Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184DRG4 TI-SN65LBC184DRG4 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DRG4 TI1-SN65LBC184DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
More results

Similar Description - SN65LBC184DR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184 TI1-SN65LBC184_17 Datasheet
1Mb / 27P
[Old version datasheet]   Differential Transceiver With Transient Voltage Suppression
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com