Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3563-3000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 3563-3000
Description  designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3563-3000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  3563-3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3563-3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
JNPS-0846
5. APPLICATION
PRODUCT NUMBER INFORMATION
PLATING SUFFIX
PR : U-ELEMENT AREA & TAIL AREA / Gold Flash Plating
SC : U-ELEMENT AREA / Nickel Plating
TAIL AREA / Gold Plating 0.2µm Min
S
: U-ELEMENT AREA / Nickel Plating
TAIL AREA / Gold Plating 0.76µm Min.
CONTACT QUANTITY
3406: 14P (Distance of terminal row : 7.62mm)
3416: 16P (Distance of terminal row : 7.62mm)
3460: 24P (Distance of terminal row : 15.24mm)
3508: 40P (Distance of terminal row : 15.24mm)
CONTACT DISPOSITION
0 :
Standard (Body Color : Gray)
1 :
Mirror Image Type (Body Color : Black)
SHAPE OF TAIL SECTION
0 : Rectangular Pin (0.46mm
× 0.36mm)
(X) 3XXX – 0 X 0 0 XX
BODY COLOR
Blank : Gray
(Contact Disposition : Standard)
D : Black
(Contact Disposition : Mirror Image Type)


Similar Part No. - 3563-3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3563-3000 ETC-3563-3000 Datasheet
158Kb / 2P
   Fits standard IC sockets
More results

Similar Description - 3563-3000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1010215 PHOENIX-1010215 Datasheet
572Kb / 10P
   Assembled IDC female connector, Displacement connection
1010247 PHOENIX-1010247 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010255 PHOENIX-1010255 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010239 PHOENIX-1010239 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010220 PHOENIX-1010220 Datasheet
575Kb / 10P
   Assembled IDC female connector, Displacement connection
1010259 PHOENIX-1010259 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010238 PHOENIX-1010238 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010237 PHOENIX-1010237 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010244 PHOENIX-1010244 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010242 PHOENIX-1010242 Datasheet
599Kb / 10P
   Assembled IDC female connector, Displacement connection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com