Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP35B60PD Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP35B60PD
Description  SMPS IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP35B60PD Datasheet(HTML) 2 Page - International Rectifier

  IRGP35B60PD Datasheet HTML 1Page - International Rectifier IRGP35B60PD Datasheet HTML 2Page - International Rectifier IRGP35B60PD Datasheet HTML 3Page - International Rectifier IRGP35B60PD Datasheet HTML 4Page - International Rectifier IRGP35B60PD Datasheet HTML 5Page - International Rectifier IRGP35B60PD Datasheet HTML 6Page - International Rectifier IRGP35B60PD Datasheet HTML 7Page - International Rectifier IRGP35B60PD Datasheet HTML 8Page - International Rectifier IRGP35B60PD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRGP35B60PD
2
www.irf.com
Notes:
 R
CE(on) typ. = equivalent on-resistance = VCE(on) typ./ IC, where VCE(on) typ.= 1.85V and IC =22A. ID (FET Equivalent) is the equivalent MOSFET ID
rating @ 25°C for applications up to 150kHz. These are provided for comparison purposes (only) with equivalent MOSFET solutions.
‚ V
CC = 80% (VCES), VGE = 20V, L = 100 µH, RG = 3.3Ω.
ƒ Pulse width limited by max. junction temperature.
„ Energy losses include "tail" and diode reverse recovery, Data generated with use of Diode 30ETH06.
… C
oes eff. is a fixed capacitance that gives the same charging time as Coes while VCE is rising from 0 to 80% VCES.
Coes eff.(ER) is a fixed capacitance that stores the same energy as Coes while VCE is rising from 0 to 80% VCES.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 500µA
∆V
(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—0.78
V/°C VGE = 0V, IC = 1mA (25°C-125°C)
RG
Internal Gate Resistance
1.7
1MHz, Open Collector
—1.85
2.15
IC = 22A, VGE = 15V
4, 5,6,8,9
VCE(on)
Collector-to-Emitter Saturation Voltage
2.25
2.55
V
IC = 35A, VGE = 15V
—2.37
2.80
IC = 22A, VGE = 15V, TJ = 125°C
—3.00
3.45
IC = 35A, VGE = 15V, TJ = 125°C
VGE(th)
Gate Threshold Voltage
3.0
4.0
5.0
V
IC = 250µA
7,8,9
∆V
GE(th)/∆TJ
Threshold Voltage temp. coefficient
-10
mV/°C VCE = VGE, IC = 1.0mA
gfe
Forward Transconductance
36
S
VCE = 50V, IC = 22A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
3.0
375
µA
VGE = 0V, VCE = 600V
—0.35
mA
VGE = 0V, VCE = 600V, TJ = 125°C
VFM
Diode Forward Voltage Drop
1.30
1.70
V
IF = 15A, VGE = 0V
10
—1.20
1.60
IF = 15A, VGE = 0V, TJ = 125°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V, VCE = 0V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
160
240
IC = 22A
17
Qgc
Gate-to-Collector Charge (turn-on)
55
83
nC
VCC = 400V
CT1
Qge
Gate-to-Emitter Charge (turn-on)
21
32
VGE = 15V
Eon
Turn-On Switching Loss
220
270
IC = 22A, VCC = 390V
CT3
Eoff
Turn-Off Switching Loss
215
265
µJ
VGE = +15V, RG = 3.3Ω, L = 200µH
Etotal
Total Switching Loss
435
535
TJ = 25°C
f
td(on)
Turn-On delay time
26
34
IC = 22A, VCC = 390V
CT3
tr
Rise time
6.0
8.0
ns
VGE = +15V, RG = 3.3Ω, L = 200µH
td(off)
Turn-Off delay time
110
122
TJ = 25°C
fÃÃ
tf
Fall time
8.0
10
Eon
Turn-On Switching Loss
410
465
IC = 22A, VCC = 390V
CT3
Eoff
Turn-Off Switching Loss
330
405
µJ
VGE = +15V, RG = 3.3Ω, L = 200µH
11,13
Etotal
Total Switching Loss
740
870
TJ = 125°C
f
WF1,WF2
td(on)
Turn-On delay time
26
34
IC = 22A, VCC = 390V
CT3
tr
Rise time
8.0
11
ns
VGE = +15V, RG = 3.3Ω, L = 200µH
12,14
td(off)
Turn-Off delay time
130
150
TJ = 125°C
ÃfÃÃ
WF1,WF2
tf
Fall time
12
16
Cies
Input Capacitance
3715
VGE = 0V
16
Coes
Output Capacitance
265
VCC = 30V
Cres
Reverse Transfer Capacitance
47
pF
f = 1Mhz
Coes eff.
Effective Output Capacitance (Time Related)
g
—135
VGE = 0V, VCE = 0V to 480V
15
Coes eff. (ER) Effective Output Capacitance (Energy Related) g
—179
TJ = 150°C, IC = 120A
3
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT2
Rg = 22
Ω, V
GE = +15V to 0V
trr
Diode Reverse Recovery Time
42
60
ns
TJ = 25°C
IF = 15A, VR = 200V,
19
—74
120
TJ = 125°C
di/dt = 200A/µs
Qrr
Diode Reverse Recovery Charge
80
180
nC
TJ = 25°C
IF = 15A, VR = 200V,
21
220
600
TJ = 125°C
di/dt = 200A/µs
Irr
Peak Reverse Recovery Current
4.0
6.0
A
TJ = 25°C
IF = 15A, VR = 200V,
19,20,21,22
—6.5
10
TJ = 125°C
di/dt = 200A/µs
CT5
Conditions


Similar Part No. - IRGP35B60PD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP35B60PD IRF-IRGP35B60PD Datasheet
287Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PDPBF IRF-IRGP35B60PDPBF Datasheet
358Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP35B60PD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB20B60PD1 IRF-IRGB20B60PD1 Datasheet
351Kb / 10P
   SMPS IGBT
IRGP50B60PD IRF-IRGP50B60PD Datasheet
868Kb / 10P
   SMPS IGBT
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60_15 Datasheet
180Kb / 3P
   SMPS N-CHANNEL IGBT
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com