Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P80-VMN3G Datasheet(PDF) 11 Page - Numonyx B.V

Part # M25P80-VMN3G
Description  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMN3G Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M25P80-VMN3G Datasheet HTML 7Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 8Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 9Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 10Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 11Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 12Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 13Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 14Page - Numonyx B.V M25P80-VMN3G Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
M25P80
SPI modes
11/52
Example: Cp = 50 pF, that is R*Cp = 5 µs <=> the application must ensure that the Bus
Master never leaves the SPI bus in the high impedance state for a time period shorter than
5µs.
Figure 4.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB


Similar Part No. - M25P80-VMN3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P80-VMN6T STMICROELECTRONICS-M25P80-VMN6T Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
More results

Similar Description - M25P80-VMN3G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com