Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PE80-VMW6G Datasheet(PDF) 9 Page - Numonyx B.V

Part # M25PE80-VMW6G
Description  8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE80-VMW6G Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M25PE80-VMW6G Datasheet HTML 5Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 6Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 7Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 8Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 9Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 10Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 11Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 12Page - Numonyx B.V M25PE80-VMW6G Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
M25PE80
Signal descriptions
9/66
2.6
Write protect (W) or top sector lock (TSL)
The write protect function is available in the T9HX process only (see Important
note on page 6).
The write protect (W) input is used to freeze the size of the area of memory that is
protected against write, program and erase instructions (as specified by the values in
the BP2, BP1 and BP0 bits of the status register. See Section 6.4: Read status register
(RDSR) for a description of these bits).
The top sector lock function is available in the T7Y process only (see Important
note on page 6).
The input signal sets the device in the hardware protected mode, when top sector lock
(TSL) is connected to VSS, causing the top 256 pages (upper addresses) of the
memory to become read-only (protected from write, program and erase operations).
When top sector lock (TSL) is connected to VCC, the top 256 pages of memory behave
like the other pages of memory.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.


Similar Part No. - M25PE80-VMW6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80-VMW6G STMICROELECTRONICS-M25PE80-VMW6G Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
More results

Similar Description - M25PE80-VMW6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
   1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com