Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

112CNQ030ASMPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 112CNQ030ASMPBF
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

112CNQ030ASMPBF Datasheet(HTML) 1 Page - International Rectifier

  112CNQ030ASMPBF Datasheet HTML 1Page - International Rectifier 112CNQ030ASMPBF Datasheet HTML 2Page - International Rectifier 112CNQ030ASMPBF Datasheet HTML 3Page - International Rectifier 112CNQ030ASMPBF Datasheet HTML 4Page - International Rectifier 112CNQ030ASMPBF Datasheet HTML 5Page - International Rectifier 112CNQ030ASMPBF Datasheet HTML 6Page - International Rectifier 112CNQ030ASMPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
110 Amp
112CNQ030APbF
112CNQ030ASMPbF
Bulletin PD-21004 01/05
1
I
F(AV) Rectangular
110
A
waveform
V
RRM
30
V
I
FSM @ tp = 5 µs sine
5100
A
V
F
@55Apk,T
J= 125°C
0.39
V
(per leg)
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
The center tap Schottky rectifier module has been optimized
for very low forward voltage drop, with moderate leakage. The
proprietary barrier technology allows for reliable operation up
to 150 °C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
150 °C T
J operation
Center tap module
Very low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Low profile, small footprint, high current package
New fully transfer-mold low profile, small
footprint, high current package
Through-hole versions are currently available for use in
Lead-Free applications ("PbF" suffix)
Description/ Features
Major Ratings and Characteristics
SCHOTTKY RECTIFIER
New GenIII D-61 Package
www.irf.com
Case Styles
D61-8
112CNQ030APbF
112CNQ030ASMPbF
D61-8-SM


Similar Part No. - 112CNQ030ASMPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
112CNQ030ASMPBF VISHAY-112CNQ030ASMPBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
More results

Similar Description - 112CNQ030ASMPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com