Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI9Z34NPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFI9Z34NPBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI9Z34NPBF Datasheet(HTML) 3 Page - International Rectifier

  IRFI9Z34NPBF Datasheet HTML 1Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 2Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 3Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 4Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 5Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 6Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 7Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 8Page - International Rectifier IRFI9Z34NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFI9Z34NPbF
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
0.1
1
10
100
DS
20µs PULSE WIDTH
T = 25°C
c
A
-V
, Drain-to-Source Voltage (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4.5V
1
10
100
0.1
1
10
100
DS
A
-V
, Drain-to-Source Voltage (V)
VGS
TOP
- 15V
- 10V
- 8.0V
- 7.0V
- 6.0V
- 5.5V
- 5.0V
BOTTOM - 4.5V
-4.5V
20µs PULSE WIDTH
T = 175°C
C
1
10
100
456
789
10
T = 25°C
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -25V
20µs PULSE WIDTH
DS
T = 175°C
J
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80 100 120 140 160 180
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I = -17A
D
TJ = 25°C
TJ = 175°C
TJ = 175°C


Similar Part No. - IRFI9Z34NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI9Z34N IRF-IRFI9Z34N Datasheet
122Kb / 8P
   HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
More results

Similar Description - IRFI9Z34NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com