Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3815CCM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3815CCM
Description  TMDS Digital Video Equalizer for DVI/HDMI Cables
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3815CCM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3815CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 9Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 10Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
A squelching function can be created by sending the
CLKLOS output through an inverter to the OUTON pin.
This will squelch the CML outputs whenever the clock
signal is removed. A loss-of-signal LED indicator can
be incorporated into the circuit as well (see Figure 3).
Output Level Control (OUTLEVEL) Input
The OUTLEVEL pin is an LVTTL input that allows the
user to select between standard output amplitude
(1000mVP-P differential) or one-half output amplitude
(500mVP-P differential). Forcing this pin high results in
the standard output signal level, and forcing this pin
low results in the reduced output signal level.
Equalizer Control (EQCONTROL) Input
The EQCONTROL pin allows the user to control the
equalization in one of three ways: forcing the pin to
ground sets the equalizer in automatic equalization
mode, forcing the pin to VCC / 2 sets the equalizer to
minimum equalization, and forcing a voltage between
VCC - 1V to VCC allows manual control of the equaliza-
tion level applied to the input signals. See the
Typical
Operating Characteristics for more information.
Power-Down (PWRDWN) Input
The PWRDWN pin allows the part to be powered down
to reduce system power consumption. Force the pin
high for normal operation. Force the pin low to power-
down the IC. When powered down, the part consumes
approximately 10mA.
Output On (OUTON) Input
The OUTON pin is an LVTTL input. Force the pin low to
enable the outputs. Force the pin high to set a differential
zero on the outputs. When disabled, the outputs will go to
a differential zero, irrespective of the signal at the inputs.
Cable Selection
TMDS performance is heavily dependent on cable
quality. Deterministic jitter (DJ) can be caused by dif-
ferential-to-common-mode conversion (or vice-versa)
TMDS Digital Video Equalizer for DVI/HDMI
Cables
8
_______________________________________________________________________________________
MAX3815
VCC
RX_IN+/-
50
Ω
Figure 4. Simplified Input Circuit Schematic
MAX3815
RX_OUT+
RX_OUT-
VCC
Figure 5. Simplified Output Circuit Schematic
Interface Models
10k
Ω
4.7k
Ω
VCC
OUTON
200
Ω
LOSS-OF-CLOCK LED
CLKLOS
Figure 3. Squelch Circuit


Similar Part No. - MAX3815CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815ACCM++ MAXIM-MAX3815ACCM+ Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
More results

Similar Description - MAX3815CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
Texas Instruments
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com