Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3815CCM Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3815CCM
Description  TMDS Digital Video Equalizer for DVI/HDMI Cables
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3815CCM Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3815CCM Datasheet HTML 1Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 2Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3815CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TMDS Digital Video Equalizer for DVI/HDMI
Cables
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, TA = 0°C to +70°C. Typical Values are at VCC = +3.3V, external terminations = 50
Ω ±1%, TMDS rate =
250Mbps to 1.65Gbps, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Output Voltage
50
Ω load, each side to VCC,
OUTLEVEL = HIGH
VCC -
0.25
V
Rise/Fall Time (Note 1)
20% to 80%
80
130
200
ps
LVTTL CONTROL AND STATUS INTERFACE
LVTTL Input High Voltage
VIH
2.0
V
LVTTL Input Low Voltage
VIL
0.8
V
LVTTL Input High Current
VIH(MIN) < VIN < VCC
-50
µA
LVTTL Input Low Current
GND < VIN < VIL(MAX)
-100
µA
Open-Collector Output High
RLOAD
≥ 10kΩ to VCC
2.4
V
Open-Collector Output Low
RLOAD
≥ 2kΩ to VCC
0.4
V
Open-Collector Output Sink
5mA
Note 1: AC specifications are guaranteed by design and characterization.
Note 2: Cable input swing is 800mV to 1400mV differential peak-to-peak. Residual output jitter is defined as peak-to-peak determin-
istic jitter + 14.2 times random jitter.
Note 3: Test pattern is a 27 - 1 PRBS + 20 ones + 27 - 1 PRBS (inverted) + 20 zeros.
Typical Operating Characteristics
(Typical values are at VCC = +3.3V, TA = +25°C, data pattern = 27 - 1 PRBS + 20 ones + 27 - 1 PRBS (inverted) + 20 zeros, unless
otherwise noted.)
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
50
30
40
20
10
110
120
130
140
150
160
170
180
190
200
100
070
OUTLEVEL = HIGH
OUTLEVEL = LOW
DIFFERENTIAL INPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
2500
2000
1500
1000
500
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-50
0
3000
EQUALIZER INPUT AFTER 205ft OF GORE 89
CABLE (TOP) EQUALIZER OUTPUT (BOTTOM)
MAX3815 toc03
5ns/div
128mV/div
350mV/div
DATA RATE = 1.65Gbps
40dB CABLE SKIN-EFFECT LOSS AT 825MHz


Similar Part No. - MAX3815CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815ACCM++ MAXIM-MAX3815ACCM+ Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
More results

Similar Description - MAX3815CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
logo
Texas Instruments
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com