Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4946BEY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI4946BEY
Description  Dual N-Channel 60-V (D-S) 175 C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946BEY Datasheet(HTML) 6 Page - Vishay Siliconix

  SI4946BEY Datasheet HTML 1Page - Vishay Siliconix SI4946BEY Datasheet HTML 2Page - Vishay Siliconix SI4946BEY Datasheet HTML 3Page - Vishay Siliconix SI4946BEY Datasheet HTML 4Page - Vishay Siliconix SI4946BEY Datasheet HTML 5Page - Vishay Siliconix SI4946BEY Datasheet HTML 6Page - Vishay Siliconix SI4946BEY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si4946BEY
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 73411
S-51013—Rev. A, 23-May-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10−3
10−2
1
10−1
10−4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
0.02
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?73411.


Similar Part No. - SI4946BEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
logo
Vishay Telefunken
SI4946BEY TFUNK-SI4946BEY Datasheet
262Kb / 10P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
193Kb / 9P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI4946BEY TECHPUBLIC-SI4946BEY Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4946BEY-T1-E3 VISHAY-SI4946BEY-T1-E3 Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
More results

Similar Description - SI4946BEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945AEY VISHAY-SI9945AEY Datasheet
59Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
SI4946BEY VISHAY-SI4946BEY_09 Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
logo
VBsemi Electronics Co.,...
TSM4946DCSRLG VBSEMI-TSM4946DCSRLG Datasheet
2Mb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
VBA3638 VBSEMI-VBA3638_V01 Datasheet
714Kb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com