Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52235 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF52235 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MCF52235DS
Rev. 6, 10/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MCF52235
LQFP-80
14mm x 14mm
LQFP-112
20mm_x_20mm
MAPBGA-121
12mm_x_12mm
The MCF52235 is a member of the ColdFire® family of
reduced instruction set computing (RISC) microcontrollers.
This document provides an overview of the MCF52235
microcontroller family, focusing on its highly integrated and
diverse feature set.
This 32-bit device is based on the Version 2 ColdFire core
operating at a frequency up to 60 MHz, offering high
performance and low power consumption. On-chip memories
connected tightly to the processor core include up to 256
Kbytes of Flash and 32 Kbytes of static random access
memory (SRAM). On-chip modules include:
• V2 ColdFire core providing 56 Dhrystone 2.1 MIPS @ 60
MHz executing out of on-chip Flash memory using
enhanced multiply accumulate (EMAC) and hardware
divider
• Enhanced Multiply Accumulate Unit (EMAC) and
hardware divide module
• Cryptographic Acceleration Unit (CAU) coprocessor
• Fast Ethernet Controller (FEC)
• On-chip Ethernet Transceiver (EPHY)
• FlexCAN controller area network (CAN) module
• Three universal asynchronous/synchronous
receiver/transmitters (UARTs)
• Inter-integrated circuit (I2C™) bus controller
• Queued serial peripheral interface (QSPI) module
• Eight-channel 10- or 12-bit fast analog-to-digital converter
(ADC)
• Four channel direct memory access (DMA) controller
• Four 32-bit input capture/output compare timers with
DMA support (DTIM)
• Four-channel general-purpose timer (GPT) capable of
input capture/output compare, pulse width modulation
(PWM) and pulse accumulation
• Eight/Four-channel 8/16-bit pulse width modulation timers
(two adjacent 8-bit PWMs can be concatenated to form a
single 16-bit timer)
• Two 16-bit periodic interrupt timers (PITs)
• Real-time clock (RTC) module
• Programmable software watchdog timer
• Two interrupt controllers providing every peripheral with a
unique selectable-priority interrupt vector plus seven
external interrupts with fixed levels/priorities
• Clock module with support for crystal or external oscillator
and integrated phase-locked loop (PLL)
• Test access/debug port (JTAG, BDM)
MCF52235 ColdFire
Microcontroller


Similar Part No. - MCF52235

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235 Datasheet
1Mb / 50P
   ColdFire Microcontroller
MCF52235 FREESCALE-MCF52235 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF52235 FREESCALE-MCF52235 Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52235CAL60 FREESCALE-MCF52235CAL60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
More results

Similar Description - MCF52235

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com