Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-7489 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SGA-7489
Description  DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-7489 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SGA-7489 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-7489 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-7489 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-7489 Datasheet HTML 4Page - SIRENZA MICRODEVICES SGA-7489 Datasheet HTML 5Page - SIRENZA MICRODEVICES SGA-7489 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
SGA-7489 DC-3000 MHz SiGe Amplifier
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS-101801 Rev C
* NOTE: An OIP3 of +36dBm at 1950 MHz is achieved using the tuned circuit shown on page 5.
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
P
ti
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
i
v
e
D
I(
D)
1
0
7
A
m
.
x
a
M
e
c
i
v
e
D
V
(
e
g
a
tl
o
V
D)V
7
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
Z
:
L
s
m
h
O
0
5
=m
B
d
6
1
+
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R:
*
1
:
0
1
=
R
W
S
V
d
a
o
Lm
B
d
2
+
.
x
a
M
p
m
e
T
n
o
it
c
n
u
J
T
(
.
J)
C
°
0
5
1
+
p
m
e
T
g
n
it
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
e
s
u
a
c
y
a
m
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
it
a
r
e
p
O
e
g
a
tl
o
v
e
c
i
v
e
d
e
h
t
,
n
o
it
a
r
e
p
o
s
u
o
n
it
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
.
A
m
3
4
1
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
e
c
i
v
e
d
e
h
t
d
n
a
V
3
.
5
d
e
e
c
x
e
t
o
n
t
s
u
m
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
it
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
it
i
d
n
o
C
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l-
j
,
s
e
c
i
v
e
d
y
b
d
e
t
n
e
s
e
r
p
R
W
S
V
d
a
o
l
d
n
a
b
f
o
t
u
o
t
n
u
o
c
c
a
o
t
n
i
e
k
a
T
:
e
t
o
N
*
d
e
t
c
e
lf
e
R
.r
e
w
o
p
t
u
p
n
i
F
R
m
u
m
i
x
a
m
e
n
i
m
r
e
t
e
d
o
t
s
r
e
tl
if
W
A
S
s
a
h
c
u
s
.t
n
a
c
if
i
n
g
i
s
e
r
a
n
o
it
a
r
u
t
a
s
n
i
s
l
e
v
e
l
c
i
n
o
m
r
a
h
Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
Frequency (MHz)
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
ti
n
U
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
0
.
3
25
.
2
25
.
1
25
.
8
10
.
7
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d
0
.
9
35
.
6
35
.
5
3
0
.
3
3
*
2
.
2
3
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
8
.
2
26
.
2
24
.
2
20
.
0
20
.
9
1
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
d
5
.
3
15
.
4
15
.
5
10
.
5
15
.
3
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
d
5
.
9
10
.
7
15
.
4
10
.
1
15
.
0
1
S
2
1
n
o
it
a
l
o
s
I
e
s
r
e
v
e
RB
d
0
.
6
25
.
5
20
.
5
20
.
3
20
.
2
2
F
Ne
r
u
g
i
F
e
s
i
o
NB
d7
.
27
.
28
.
23
.
3
Frequency (MHz)
Test Conditions: VS = 8 V
I
D = 115 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
Bias Resistance = 26 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Noise Figure vs. Frequency over Temperature
VD=5.0V, ID=115 mA (Typ.) at TLEAD=+25°C
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
500
1000
1500
2000
Frequency (MHz)
-40C
+25C
+85C
OIP3 vs. Frequency over Temperature
VD=5.0V, ID=115 mA (Typ.) at TLEAD=+25°C
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
0
500
1000
1500
2000
2500
Frequency (MHz)
-40C
+25C
+85C
+25C Tuned Circuit
T
LEAD
T
LEAD
P1dB vs. Frequency over Temperature
VD=5.0V, ID=115 mA (Typ.) at TLEAD=+25°C
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
0
500
1000
1500
2000
2500
Frequency (MHz)
-40C
+25C
+85C
T
LEAD


Similar Part No. - SGA-7489

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-7489 STANFORD-SGA-7489 Datasheet
521Kb / 8P
   DC-3000 MHZ SILICON GERMANIUM
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489Z SIRENZA-SGA-7489Z Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results

Similar Description - SGA-7489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-5489 ETC-SGA-5489 Datasheet
303Kb / 8P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2363 STANFORD-SGA-2363 Datasheet
333Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
SIRENZA MICRODEVICES
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
List of Unclassifed Man...
SGA-4586 ETC-SGA-4586 Datasheet
671Kb / 8P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-5386 STANFORD-SGA-5386 Datasheet
225Kb / 7P
   DC-3200 MHz Silicon Germanium HBT Cascadeable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com