Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2932 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 1 Page - STMicroelectronics

  SD2932_04 Datasheet HTML 1Page - STMicroelectronics SD2932_04 Datasheet HTML 2Page - STMicroelectronics SD2932_04 Datasheet HTML 3Page - STMicroelectronics SD2932_04 Datasheet HTML 4Page - STMicroelectronics SD2932_04 Datasheet HTML 5Page - STMicroelectronics SD2932_04 Datasheet HTML 6Page - STMicroelectronics SD2932_04 Datasheet HTML 7Page - STMicroelectronics SD2932_04 Datasheet HTML 8Page - STMicroelectronics SD2932_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2004
SD2932
RF POWER TRANSISTORS
HF/VHF/UHF N-CHANNEL MOSFETs
REV. 5
• GOLD METALLIZATION
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION,
PUSH PULL
• POUT = 300 W MIN. WITH 15 dB GAIN @
175 MHz
DESCRIPTION
The SD2932 is a gold metallized N-Channel MOS
field-effect RF power transistor. The SD2932 it is
intended
for
use in 50 V
dc
large
signal
applications up 250 MHz.
PIN CONNECTION
1
3
2
1. Drain
2. Gate
3. Source
2
3
1
M244
epoxy sealed
ORDER CODES
ABSOLUTE MAXIMUM RATINGS (TCASE = 25
°C)
THERMAL DATA
Order Codes
Marking
Package
Packaging
SD2932
SD2932
M244
Plastic Tray
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain Source Voltage
125
V
VDGR
Drain-Gate Voltage (RGS = 1MΩ)
125
V
VGS
Gate-Source Volatge
±20
V
ID
Drain Current
40
A
PDISS
Power Dissipation
500
W
Tj
Max. Operating Junction Temperature
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
Rth(j-c)
Junction -Case Thermal Resistance
0.35
°C/W


Similar Part No. - SD2932_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2932 STMICROELECTRONICS-SD2932_10 Datasheet
707Kb / 22P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
More results

Similar Description - SD2932_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com