Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W0R6040T3 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M36W0R6040T3
Description  64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36W0R6040T3 Datasheet(HTML) 1 Page - Numonyx B.V

  M36W0R6040T3 Datasheet HTML 1Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 2Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 3Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 4Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 5Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 6Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 7Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 8Page - Numonyx B.V M36W0R6040T3 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2007
Rev 3
1/23
1
M36P0R9070E0
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory
128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
Feature summary
Multi-Chip Package
– 1 die of 512 Mbit (32Mb x 16, Multiple
Bank, Multi-Level, Burst) Flash Memory
–1 die of 128Mbit (8Mb x16) PSRAM
Supply voltage
–VDDF = VCCP = VDDQ = 1.7 to 1.95V
–VPPF = 9V for fast program
Electronic signature
– Manufacturer Code: 20h
– Device Code: 8819
ECOPACK® package available
Flash memory
Synchronous / Asynchronous Read
– Synchronous Burst Read mode:
108MHz, 66MHz
– Asynchronous Page Read mode
– Random Access: 96ns
Programming time
– 4.2µs typical Word program time using
Buffer Enhanced Factory Program
command
Memory organization
– Multiple bank memory array: 64 Mbit banks
– Four Extended Flash Array (EFA) Blocks of
64 Kbits
Dual operations
– program/erase in one Bank while read in
others
– No delay between read and write
operations
Security
– 2112-bit user programmable OTP Cells
– 64-bit unique device number
100,000 program/erase cycles per block
Common Flash Interface (CFI)
Block locking
– All Blocks locked at power-up
– Any combination of Blocks can be locked
with zero latency
–WPF for Block Lock-Down
– Absolute Write Protection with VPPF = VSS
PSRAM
Access time: 70ns
User-selectable operating modes
– Asynchronous modes: Random Read, and
Write, Page Read
– Synchronous modes: NOR-Flash, Full
Synchronous (Burst Read and Write)
Asynchronous Page Read
– Page Size: 4, 8 or 16 Words
– Subsequent Read Within Page: 20ns
Burst Read
– Fixed Length (4, 8, 16 or 32 Words) or
Continuous
– Maximum Clock Frequency: 80MHz
Low Power Consumption
– Active Current: < 25mA
– Standby Current: 200µA
– Deep Power-Down Current: 10µA
Low Power Features
– Partial Array Self Refresh (PASR)
– Deep Power-Down (DPD) Mode
TFBGA107 (ZAC)
FBGA
www.numonyx.com


Similar Part No. - M36W0R6040T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
More results

Similar Description - M36W0R6040T3

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
   64 MBIT FLASH 16 MBIT PSRAM
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com