Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W0R6050T3ZAQE Datasheet(PDF) 10 Page - Numonyx B.V

Part # M36W0R6050T3ZAQE
Description  64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36W0R6050T3ZAQE Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M36W0R6050T3ZAQE Datasheet HTML 6Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 7Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 8Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 9Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 10Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 11Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 12Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 13Page - Numonyx B.V M36W0R6050T3ZAQE Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Signal descriptions
M36P0R9070E0
10/23
2.5
Wait (WAIT)
WAIT is an output pin common to the Flash memory and PSRAM components. However the
WAIT signal does not behave in the same way for the PSRAM and the Flash memory.
For details of how it behaves, please refer to the M69KB128AB datasheet for the PSRAM
and to the M58PR512J datasheet for the Flash memory.
2.6
Flash Chip Enable input (EF)
The Flash Chip Enable input activates the control logic, input buffers, decoders and sense
amplifiers of the Flash memory component selected. When Chip Enable is Low, VIL, and
Reset is High, VIH, the device is in active mode. When Chip Enable is at VIH the
corresponding Flash memory are deselected, the outputs are high impedance and the
power consumption is reduced to the standby level.
It is not allowed to have EF at VIL and EP at VIL at the same time. Only one memory
component can be enabled at a time.
2.7
Flash Output Enable inputs (GF)
The Output Enable pins control the data outputs during Flash memory Bus Read
operations.
2.8
Flash Write Enable (WF)
The Write Enable controls the Bus Write operation of the Flash memory Command
Interface. The data and address inputs are latched on the rising edge of Chip Enable or
Write Enable whichever occurs first.
2.9
Flash Write Protect (WPF)
Write Protect is an input that gives an additional hardware protection for each block. When
Write Protect is Low, VIL, Lock-Down is enabled and the protection status of the Locked-
Down blocks cannot be changed. When Write Protect is at High, VIH, Lock-Down is disabled
and the Locked-Down blocks can be locked or unlocked. (See the Lock Status Table in the
M58PR512J datasheet).


Similar Part No. - M36W0R6050T3ZAQE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
Numonyx B.V
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1ZAQE STMICROELECTRONICS-M36W0R6050T1ZAQE Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
Numonyx B.V
M36W0R6050T1ZAQE NUMONYX-M36W0R6050T1ZAQE Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1ZAQF STMICROELECTRONICS-M36W0R6050T1ZAQF Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
More results

Similar Description - M36W0R6050T3ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
   64 MBIT FLASH 16 MBIT PSRAM
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com