Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W0R6050T1 Datasheet(PDF) 11 Page - Numonyx B.V

Part # M36W0R6050T1
Description  64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36W0R6050T1 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M36W0R6050T1 Datasheet HTML 7Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 8Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 9Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 10Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 11Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 12Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 13Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 14Page - Numonyx B.V M36W0R6050T1 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
M36W0R6050T1, M36W0R6050B1
Signal descriptions
11/22
2.12
PSRAM Chip Enable (E2P)
When de-asserted (Low), the Chip Enable input E2P, puts the device in Power-Down mode.
This is the lowest power mode according to the Configuration Register settings (see
M69KB048BD datasheet).
2.13
PSRAM Output Enable (GP)
The Output Enable, GP, provides a high speed tri-state control, allowing fast read/write
cycles to be achieved with the common I/O data bus.
2.14
PSRAM Write Enable (WP)
The Write Enable, WP, controls the Bus Write operation of the memory’s Command
Interface.
2.15
PSRAM Upper Byte Enable (UBP)
The Upper Byte Enable, UBP, gates the data on the Upper Byte Data Inputs/Outputs (DQ8-
DQ15) to or from the upper part of the selected address during a Write or Read operation.
2.16
PSRAM Lower Byte Enable (LBP)
The Lower Byte Enable, LBP, gates the data on the Lower Byte Data Inputs/Outputs (DQ0-
DQ7) to or from the lower part of the selected address during a Write or Read operation.
2.17
VDDF supply voltage
VDDF provides the power supply to the internal core of the Flash memory component. It is
the main power supplies for all Flash memory operations (Read, Program and Erase).
2.18
VDDP supply voltage
The VDDP Supply Voltage supplies the power for all operations (Read or Write) and for
driving the refresh logic, even when the device is not being accessed.
2.19
VDDQF supply voltage
VDDQF provides the power supply for the Flash memory I/O pins. This allows all Outputs to
be powered independently of the Flash memory core power supply, VDDF.


Similar Part No. - M36W0R6050T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
M36W0R6050T1ZAQE STMICROELECTRONICS-M36W0R6050T1ZAQE Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
M36W0R6050T1ZAQF STMICROELECTRONICS-M36W0R6050T1ZAQF Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
More results

Similar Description - M36W0R6050T1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R6040T3 NUMONYX-M36W0R6040T3 Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
logo
STMicroelectronics
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com