Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G126A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV1G126A
Description  Bus Buffer Gate with 3-state Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G126A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV1G126A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G126A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HD74LV1G126A
Rev.6.00, Sep.01.2003, page 5 of 11
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
05.5
V
0VCC
Output voltage range
VO
05.5
V
Output : Z
—1
VCC = 1.65 to 1.95 V
—2
VCC = 2.3 to 2.7 V
—6
VCC = 3.0 to 3.6 V
IOL
—12
VCC = 4.5 to 5.5 V
—–1
VCC = 1.65 to 1.95 V
—–2
VCC = 2.3 to 2.7 V
—–6
VCC = 3.0 to 3.6 V
Output current
IOH
–12
mA
VCC = 4.5 to 5.5 V
0
300
VCC = 1.65 to 1.95 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t / ∆v
020
ns / V
VCC = 4.5 to 5.5 V
Operating free-air temperature Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV1G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
HD74LV1G126AVSE RENESAS-HD74LV1G126AVSE Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G126AVSE RENESAS-HD74LV1G126AVSE Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
More results

Similar Description - HD74LV1G126A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1GT126A HITACHI-HD74LV1GT126A Datasheet
46Kb / 10P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G126 RENESAS-HD74ALVC1G126_15 Datasheet
116Kb / 15P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com