Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G126ACME Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LV1G126ACME
Description  Bus Buffer Gate with 3-state Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G126ACME Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LV1G126ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 9Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 10Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 11Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74LV1G126A
Rev.6.00, Sep.01.2003, page 10 of 11
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
CMPAK–5V
Conforms
0.006 g
2.0 ± 0.2
1.3 ± 0.2
(0.65)
5 – 0.2 ± 0.05
(0.65)
0.15
0 – 0.1
+ 0.1
– 0.05
Unit: mm
0.15 ± 0.05
2.0 ± 0.1*
+ 0.1
– 0.05
Package Code
JEDEC
JEITA
Mass (reference value)
CMPAK–5V(O)
Conforms
0.006 g
Unit: mm
5 – 0.2
(0.65)
(0.65)
(1.3)
0.025 – 0.1
* The value does not include Resin Bar.
(One side: 0.15 mm (max))


Similar Part No. - HD74LV1G126ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
More results

Similar Description - HD74LV1G126ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1GT126A HITACHI-HD74LV1GT126A Datasheet
46Kb / 10P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G126 RENESAS-HD74ALVC1G126_15 Datasheet
116Kb / 15P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com