Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM2-433-28 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SPM2-433-28
Description  UHF SpacePort Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPM2-433-28 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SPM2-433-28 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPM2-433-28 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Radiometrix Ltd, SpacePort Modem
page 6
2.3 HOST TO SPACEPORT DATA TRANSFER
Data is transferred between the SPM and the HOST using an asynchronous serial protocol. The default
protocol settings are 8 data bits, no parity and 1 stop bit (8n1). The baud rate setting for the serial
interface is user settable from 600bps to 115200bps.
TXD
Data from the connected host is received by the SPM using TXD signal.
CTS
A single handshake line, CTS, controls the flow of data into the SPM. The serial receive buffer of
the SPM is 96 bytes deep. The CTS will be asserted by the SPM when the receive buffer hits
approximately 66% full. It is advisable to limit the number of characters sent to the SPM after
the CTS control line is asserted. This will help to reduce the possibility of lost data due to
internal buffer overruns in the SPM. The SPM will clear the CTS when the internal serial
receive buffer falls below 33% full.
RXD
Upon the SPM receiving data from a remote unit, the received data is sent to the connected host
device using the RXD signal.
2.4 ENTERING SPACEPORT MODEM CONFIGURATOR
Configuring the SPM is accomplished by using a built-in command line configurator. The configurator
is entered by asserting the SETUP input of the SPM while resetting the SPM.
SETUP
Holding SETUP low during a reset cycle will force the modem into the configurator. The state of
this input is checked while the SPM starts up from either power on or reset.
HOST DRIVEN SETUP
The Setup pin may either be driven by the host (recommended) to enable host controlled
configuration of the SPM or pulled up to VCC via a suitable resistor (10k
Ω).
2.5 FORCING DEFAULT SERIAL BAUD RATE
Asserting this pin low forces the SPM to startup with a default baud rate of 9600bps, 8 data, one stop
and not parity.
DEFAULT
During a RESET the HOST must hold DEFAULT low to force the SPM serial interface to default to
9600bps. This is ideal if the serial baud rate has been forgotten or incorrectly set.
HOST DRIVEN DEFAULT
The DEFAULT pin may either be driven by the host (recommended) or pulled up to VCC via a
suitable resistor (10k
Ω).
2.6 FORCING SPACE MODEM IN TO SLEEP MODE
Asserting the WAKE input high forces the modem into a low power sleep mode. This effectively shuts
down the SPM and prevents it from sending or receiving any data. It is a method for conserving power
when the modem is not required.
WAKE
/ DTR
During normal operation WAKE pin can be pulled high to force the SPM to shutdown into low
power sleep mode.
HOST DRIVEN WAKE
The WAKE pin may either be driven by the host (recommended) or pulled up to 0V via a suitable
resistor (10k
Ω).


Similar Part No. - SPM2-433-28

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SPM2-433-28 RADIOMETRIX-SPM2-433-28 Datasheet
379Kb / 15P
   UHF SpacePort Modem
SPM2-433-28 RADIOMETRIX-SPM2-433-28 Datasheet
292Kb / 7P
   SpacePort Modem Evaluation Kit
More results

Similar Description - SPM2-433-28

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SPM2-433-28 RADIOMETRIX-SPM2-433-28 Datasheet
379Kb / 15P
   UHF SpacePort Modem
SP2-433-160 RADIOMETRIX-SP2-433-160 Datasheet
702Kb / 27P
   UHF SpacePort Transceiver
SPM RADIOMETRIX-SPM Datasheet
292Kb / 7P
   SpacePort Modem Evaluation Kit
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com