Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58PR001LE96ZAC5 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M58PR001LE96ZAC5
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE96ZAC5 Datasheet(HTML) 1 Page - Numonyx B.V

  M58PR001LE96ZAC5 Datasheet HTML 1Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 2Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 3Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 4Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 5Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 6Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 7Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 8Page - Numonyx B.V M58PR001LE96ZAC5 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
March 2008
Rev 4
1/123
1
M58PR512LE M58PR001LE
512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst)
1.8 V supply Flash memories
Features
Supply voltage
–VDD = 1.7 V to 2.0 V for program, erase
and read
–VDDQ = 1.7 V to 2.0 V for I/O buffers
–VPP = 9 V for fast program
Synchronous/asynchronous read
– Synchronous burst read mode:
108 MHz, 66 MHz
– Asynchronous page read mode
– Random access: 96 ns
Programming time
– 4.2 µs typical word program time using
Buffer Enhanced Factory Program
command
Memory organization
– Multiple bank memory array:
64 Mbit banks (512 Mb devices)
128 Mbit banks (1 Gb devices)
– Four EFA (extended flash array) blocks of
64 Kbits
Dual operations
– Program/erase in one bank while read in
others
– No delay between read and write
operations
Block locking
– All blocks locked at power-up
– Any combination of blocks can be locked
with zero latency
–WP for block lock-down
– Absolute Write protection with VPP = VSS
Security
– 64 bit unique device number
– 2112 bit user programmable OTP cells
CFI (common flash interface)
100 000 program/erase cycles per block
Electronic signature
– Manufacturer code: 20h
– 512 Mbit device: 8819
– 1 Gbit device: 880F
ECOPACK® package available.
FBGA
TFBGA105 (ZAD)
9 x 11 mm
TFBGA107 (ZAC)
8 x 11 mm
www.numonyx.com


Similar Part No. - M58PR001LE96ZAC5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58PR001LE96ZB5 STMICROELECTRONICS-M58PR001LE96ZB5 Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results

Similar Description - M58PR001LE96ZAC5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58PR256LE STMICROELECTRONICS-M58PR256LE Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
Numonyx B.V
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com