Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


ISPLSI1016EA Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. ISPLSI1016EA
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 4 page
background image
4
Specifications ispLSI 1016EA
Absolute Maximum Ratings 1
Supply Voltage VCC ................................ -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150°C
Case Temp. with Power Applied .............. -55 to 125°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
TA = 0°C to + 70°C
SYMBOL
Table 2-0005/1016EA
VCC
VCCIO
VIH
VIL
PARAMETER
Supply Voltage
Supply Voltage: Output Drivers
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
4.75
4.75
3.0
2.0
0
5.25
5.25
3.6
Vcc+1
0.8
V
V
V
V
V
Commercial
5V
3.3V
Capacitance (T
A=25
oC, f=1.0 MHz)
Erase/Reprogram Specifications
C
SYMBOL
Table 2-0006/1016EA
C
PARAMETER
Y0 Clock Capacitance
10
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input, I/O, Y1, Y2, Y3, Clock Capacitance
(Commercial)
pf
pf
V = 5.0V, V
= 2.0V
V = 5.0V, V
= 2.0V
CC
CC
PIN
PIN
Table 2-0008/1016EA
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10000
Cycles




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
LTV-355THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ATMEGA8_068-bit AVR with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA325_068-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89S51_058-bit Microcontroller with 4K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_078-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
A1373_06High Precision Output Pin Programmable Linear Hall Effect Sensors 1 2 3 4 5 MoreAllegro MicroSystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl