Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KU70ZA6E Datasheet(PDF) 10 Page - Numonyx B.V

Part # M58WR016KU70ZA6E
Description  16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR016KU70ZA6E Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M58WR016KU70ZA6E Datasheet HTML 6Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 7Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 8Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 9Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 10Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 11Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 12Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 13Page - Numonyx B.V M58WR016KU70ZA6E Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
Description
M58WRxxxKU, M58WRxxxKL
10/123
The device features an Automatic Standby mode. When the bus is inactive during
Asynchronous Read operations, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value IDD4 and the
outputs are still driven.
The M58WRxxxKU/L features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at Power- Up.
The device includes a Protection Register to increase the protection of a system’s design.
The Protection Register is divided into two segments: a 64 bit segment containing a unique
device number written by Numonyx, and a 128 bit segment One-Time-Programmable (OTP)
by the user. The user programmable segment can be permanently protected. Figure 6,
shows the Protection Register memory map.
The memory is available in a VFBGA44 7.5 × 5 mm, 10 × 4 active ball array, 0.5 mm pitch
package. It is supplied with all the bits erased (set to ’1’).


Similar Part No. - M58WR016KU70ZA6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KU70ZA6E STMICROELECTRONICS-M58WR016KU70ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR016KU70ZA6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WT032KT NUMONYX-M58WT032KT Datasheet
2Mb / 117P
   32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
Numonyx B.V
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
   512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com