Electronic Components Datasheet Search |
|
NAND02GW4B2DZA6E Datasheet(PDF) 8 Page - Numonyx B.V |
|
NAND02GW4B2DZA6E Datasheet(HTML) 8 Page - Numonyx B.V |
8 / 69 page Description NAND02G-B2D 8/69 Two further features are available as options: ● Extra non-volatile protection ● An individual serial number that acts as an unique identifier. More information is available, upon completion of an NDA (non-disclosure agreement), and are, therefore, not described in this datasheet. For more details of this option contact your nearest Numonyx sales office. The devices are available in the TSOP48 (12 x 20 mm) and VFBGA63 (9.5 x 12 mm) packages. For information on how to order these options, refer to Table 31: Ordering information scheme. Devices are shipped from the factory with block 0 always valid and the memory content bits, in valid blocks, erased to ’1’. Table 2: Product description lists the part numbers and other information for all the devices in the family. Table 2. Product description Part number Density Bus width Page size Block size Memory array Operating voltage Timings Package Sequential access time (min) Random access time (max) Page Program (typ) Block Erase (typ) NAND02GR3B2D 2Gb x8 2048+64 bytes 128 K+4 K bytes 64 pages x 2048 blocks 1.7 to 1.95 V 45 ns 25 µs 200 µs 1.5 ms VFBGA63 NAND02GW3B2D 2.7 to 3.6 V 25 ns TSOP48 VFBGA63 NAND02GR4B2D x16 1024+ 32 words 64 K+2 K words 1.7 to 1.95 V 45 ns NAND02GW4B2D 2.7 to 3.6 V 25 ns |
Similar Part No. - NAND02GW4B2DZA6E |
|
Similar Description - NAND02GW4B2DZA6E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |