Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-10006F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-10006F2
Description  6 line EMI filter and ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-10006F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-10006F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-10006F2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2006
Rev 4
1/9
9
EMIF06-10006F2
IPAD™
6 line EMI filter and ESD protection
Main product characteristics
Where EMI filtering in ESD sensitive equipment is
required:
Mobile phones and communication systems
Computers, printers and MCU Boards
Description
The EMIF06-10006F2 is a highly integrated
device designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interference. The EMIF06 Flip-Chip packaging
means the package size is equal to the die size.
This filter includes an ESD protection circuitry
which prevents damage to the application when
subjected to ESD surges up 15 kV. This device
includes 6 EMIF filters.
Benefits
EMI symmetrical (I/O) low-pass filter
High efficiency in EMI filtering
Lead free package
Very low PCB space consumption
2.92 mm x 1.29 mm
Very thin package: 0.65 mm
High efficiency in ESD suppression
(IEC 61000-4-2 level 4)
High reliability offered by monolithic integration
High reduction of parasitic elements through
integration and wafer level packaging
TM: IPAD is a trademeark of STMicroelectronics
Order code
Figure 1.
Pin configuration (bump side)
Complies with the following standards:
Part Number
Marking
EMIF06-10006F2
FT
IEC 61000-4-2 level 4:
15 kV (air discharge)
8 kV (contact discharge)
MIL STD 883E - Method 3015-6 Class 3: 30 kV
®
Flip-Chip
(15 Bumps)
I4
O4
I1
O1
I6
Gnd
Gnd
Gnd
O6
I3
O3
I5
O5
I2
O2
98
7
6
5
4
32
1
A
B
C
www.st.com


Similar Part No. - EMIF06-10006F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
   6 LINES EMI FILTER AND ESD PROTECTION
January 2003 - Ed: 1
More results

Similar Description - EMIF06-10006F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
   6 line EMI filter and ESD protection
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
   6-line IPAD?? EMI filter and ESD protection
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
EMIF06-VID01C2 STMICROELECTRONICS-EMIF06-VID01C2 Datasheet
160Kb / 7P
   6 line low capacitance EMI filter and ESD protection
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
logo
STMicroelectronics
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
   6-line IPAD, low capacitance EMI filter and ESD protection
EMIF06-AUD01F2 STMICROELECTRONICS-EMIF06-AUD01F2 Datasheet
943Kb / 14P
   6-line EMI filter and ESD protection for audio interface
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
   6 line EMI filter and ESD protection for SD card
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com