Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND02GR3B2BN6F Datasheet(PDF) 7 Page - Numonyx B.V

Part # NAND02GR3B2BN6F
Description  1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND02GR3B2BN6F Datasheet(HTML) 7 Page - Numonyx B.V

Back Button NAND02GR3B2BN6F Datasheet HTML 3Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 4Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 5Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 6Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 7Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 8Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 9Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 10Page - Numonyx B.V NAND02GR3B2BN6F Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
NAND01G-B2B, NAND02G-B2C
Description
7/60
1
Description
NAND01G-B2B and NAND02G-B2C flash 2112-byte/1056-word page is a family of non-
volatile flash memories that uses NAND cell technology. The devices range from 1 Gbit to 2
Gbits and operate with either a 1.8 V or 3 V voltage supply. The size of a page is either 2112
bytes (2048 + 64 spare) or 1056 words (1024 + 32 spare) depending on whether the device
has a x8 or x16 bus width.
The address lines are multiplexed with the Data Input/Output signals on a multiplexed x8 or
x16 input/output bus. This interface reduces the pin count and makes it possible to migrate
to other densities without changing the footprint.
Each block can be programmed and erased over 100 000 cycles (with ECC on). To extend
the lifetime of NAND flash devices it is strongly recommended to implement an error
correction code (ECC).
The devices feature a write protect pin that allows performing hardware protection against
program and erase operations.
The devices feature an open-drain ready/busy output that can be used to identify if the
program/erase/read (P/E/R) controller is currently active. The use of an open-drain output
allows the ready/busy pins from several memories to be connected to a single pull-up
resistor.
A Copy Back Program command is available to optimize the management of defective
blocks. When a page program operation fails, the data can be programmed in another page
without having to resend the data to be programmed.
Each device has cache program and cache read features which improve the program and
read throughputs for large files. During cache programming, the device loads the data in a
cache register while the previous data is transferred to the page buffer and programmed into
the memory array. During cache reading, the device loads the data in a cache register while
the previous data is transferred to the I/O buffers to be read.
All devices have the chip enable don’t care feature, which allows code to be directly
downloaded by a microcontroller, as chip enable transitions during the latency time do not
stop the read operation.
All devices have the option of a unique identifier (serial number), which allows each device
to be uniquely identified.
The unique identifier options is subject to an NDA (non disclosure agreement) and so not
described in the datasheet. For more details of this option contact your nearest Numonyx
sales office.
The devices are available in the following packages:
TSOP48 (12 x 20 mm)
VFBGA63 (9.5 x 12 x 1 mm, 0.8 mm pitch) for NAND02G-B2C devices
VFBGA63 (9 x 11 x 1 mm, 0.8 mm pitch) for NAND01G-B2B devices.
For information on how to order these options refer to Table 29: Ordering information
scheme. Devices are shipped from the factory with Block 0 always valid and the memory
content bits, in valid blocks, erased to ’1’.
See Table 2: Product description, for all the devices available in the family.


Similar Part No. - NAND02GR3B2BN6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND02GR3B2BN6F STMICROELECTRONICS-NAND02GR3B2BN6F Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
More results

Similar Description - NAND02GR3B2BN6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com