Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01GW4B2BN6F Datasheet(PDF) 8 Page - Numonyx B.V

Part # NAND01GW4B2BN6F
Description  1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01GW4B2BN6F Datasheet(HTML) 8 Page - Numonyx B.V

Back Button NAND01GW4B2BN6F Datasheet HTML 4Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 5Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 6Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 7Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 8Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 9Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 10Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 11Page - Numonyx B.V NAND01GW4B2BN6F Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Description
NAND01G-B2B, NAND02G-B2C
8/60
Figure 1.
Logic block diagram
Table 2.
Product description
Reference
Part number
Density
Bus
width
Page
size
Block
size
Memory
array
Operating
voltage
Timings
Package
Random
access
time
(max)
Sequential
access
time
(min)
Page
Progra
m time
(typ)
Bloc
k
erase
(typ)
NAND01G
-B2B
NAND01GR3B2B
1Gbit
x8
2048
+64
bytes
128K
+4K
bytes
64
pages x
1024
blocks
1.7 to
1.95 V
25 µs
50 ns
200 µs
2ms
VFBGA63
9x11 mm
NAND01GW3B2B
2.7 to
3.6 V
25 µs
30 ns
TSOP48
NAND01GR4B2B
x16
1024
+32
words
64K+
2K
words
1.7 to
1.95 V
25 µs
50 ns
(1)
NAND01GW4B2B
2.7 to
3.6 V
25 µs
30 ns
(1)
NAND02G
-B2C
NAND02GR3B2C
2Gbits
x8
2048
+64
bytes
128K
+4K
bytes
64
pages x
2048
blocks
1.7 to
1.95 V
25 µs
50 ns
2ms
VFBGA63
9.5 x 12 m
m
NAND02GW3B2C
2.7 to
3.6 V
25 µs
30 ns
TSOP48
NAND02GR4B2C
x16
1024
+32
words
64K+
2K
words
1.7 to
1.95 V
25 µs
50 ns
(1)
NAND02GW4B2C
2.7 to
3.6 V
25 µs
30 ns
(1)
1.
x16 organization only available for MCP.
Address
register/counter
Command
interface
logic
P/E/R controller,
high voltage
generator
WP
I/O buffers & latches
I/O8-I/O15, x16
E
W
AI12799
R
Y decoder
Page buffer
NAND flash
memory array
I/O0-I/O7, x8/x16
Command register
CL
AL
Cache register
RB


Similar Part No. - NAND01GW4B2BN6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01GW4B2BN6F STMICROELECTRONICS-NAND01GW4B2BN6F Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GW4B2BN6F NUMONYX-NAND01GW4B2BN6F Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
More results

Similar Description - NAND01GW4B2BN6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com