Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA56RLRPG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPSA56RLRPG
Description  Amplifier Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA56RLRPG Datasheet(HTML) 5 Page - ON Semiconductor

  MPSA56RLRPG Datasheet HTML 1Page - ON Semiconductor MPSA56RLRPG Datasheet HTML 2Page - ON Semiconductor MPSA56RLRPG Datasheet HTML 3Page - ON Semiconductor MPSA56RLRPG Datasheet HTML 4Page - ON Semiconductor MPSA56RLRPG Datasheet HTML 5Page - ON Semiconductor MPSA56RLRPG Datasheet HTML 6Page - ON Semiconductor MPSA56RLRPG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NPN − MPSA05, MPSA06*; PNP − MPSA55, MPSA56*
http://onsemi.com
5
Figure 14. MPSA05/06 Collector Saturation
Region
Figure 15. MPSA55/56 Collector Saturation
Region
Figure 16. MPSA05/06 Base−Emitter
Temperature Coefficient
Figure 17. MPSA55/56 Base−Emitter
Temperature Coefficient
100
500
0.5
IC, COLLECTOR CURRENT (mA)
−0.8
−1.2
−1.6
−2.0
−2.4
−2.8
IC, COLLECTOR CURRENT (mA)
0.1
10
0.05
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
IB, BASE CURRENT (mA)
1.0
TJ = 25°C
NPN
PNP
10
RqVB for VBE
50
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
10 mA
1.0
2.0
5.0
20
50
200
20
2.0
5.0
0.2
0.5
−100
−500
−0.5
−0.8
−1.2
−1.6
−2.0
−2.4
−2.8
−10
RqVB for VBE
−1.0 −2.0
−5.0
−20
−50
−200
−0.1
−10
−0.05
−1.0
−0.8
−0.6
−0.4
−0.2
0
−1.0
TJ = 25°C
−50
IC =
−100 mA
IC =
−50 mA
IC =
−250 mA
IC =
−500 mA
IC =
−10 mA
−20
−2.0
−5.0
−0.2
−0.5
Figure 18. MPSA05, MPSA06, MPSA55 and MPSA56 Thermal Response
t, TIME (ms)
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k 100 k
0.03
0.02
0.1
0.07
0.05
0.01
0.3
0.2
1.0
0.7
0.5
ZqJC(t) = r(t) • RqJC
TJ(pk) − TC = P(pk) ZqJC(t)
ZqJA(t) = r(t) • RqJA
TJ(pk) − TA = P(pk) ZqJA(t)
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
(SEE AN469)
t1
t2
DUTY CYCLE, D = t1/t2
P(pk)
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
SINGLE PULSE
0.05


Similar Part No. - MPSA56RLRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA56RLRP ONSEMI-MPSA56RLRP Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
More results

Similar Description - MPSA56RLRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com