Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1230D133R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1230D133R2G
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230D133R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1230D133R2G Datasheet HTML 1Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 2Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 3Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 4Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 5Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 6Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 7Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 8Page - ON Semiconductor NCP1230D133R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NCP1230
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = -40°C to +125°C, Max TJ = 150°C,
VCC = 13 V, VPIN8 = 30 V unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
Supply Section (All frequency versions, otherwise noted)
Turn-On Threshold Level, VCC Going Up (Vfb = 2.0 V)
VCCOFF
6
11.6
12.6
13.6
V
Minimum Operating Voltage after Turn-On
VCC(min)
6
7.0
7.7
8.4
V
VCC Decreasing Level at which the Latch-Off Phase Ends (Vfb = 3.5 V)
VCClatch
6
5.0
5.6
6.2
V
VCC Level at which the Internal Logic gets Reset
VCCreset
6
-
4.0
-
V
Internal IC Consumption, No Output Load on Pin 6 (Vfb = 2.5 V)
ICC1
6
0.6
1.1
1.8
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 6, FSW = 65 kHz
(Vfb = 2.5 V)
ICC2
6
1.3
1.8
2.5
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 6, FSW = 100 kHz
ICC2
6
1.3
2.2
3.0
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 6, FSW = 133 kHz
ICC2
6
1.3
2.8
3.3
mA
Internal IC Consumption, Latch-Off Phase
ICC3
6
400
680
1000
mA
Internal Startup Current Source
High-Voltage Current Source, 1.0 nF Load
(VCCOFF -0.2 V, Vfb = 2.5 V, VPIN8 = 30 V)
IC1
8
1.8
3.2
4.2
mA
High-Voltage Current Source (VCC = 0 V)
IC2
8
1.8
4.4
5.6
mA
Minimum Startup Voltage (Ic = 0.5 mA, VCCOFF -0.2 V, Vfb = 2.5 V)
VHVmin
8
-
20
23
V
Startup Leakage (VPIN8 = 500 V)
IHVLeak
8
10
30
80
mA
Drive Output
Output Voltage Rise-Time @ CL = 1.0 nF, 10-90% of Output Signal
Tr
5
-
40
-
ns
Output Voltage Fall-Time @ CL = 1.0 nF, 10-90% of Output Signal
Tf
5
-
15
-
ns
Source Resistance, RLoad 300 W (Vfb = 2.5 V)
ROH
5
6.0
12.3
25
W
Sink Resistance, at 1.0 V on Pin 5 (Vfb = 3.5 V)
ROL
5
3.0
7.5
18
W
Pin 1 Output Impedance (or Rdson between Pin 1 and Pin 6 when SW1
is closed) Rload on Pin 1 = 680 W
RPFC
1
6.0
11.7
23
W
Current Comparator and Thermal Shutdown
Input Bias Current @ 1.0 V Input Level on Pin 3
IIB
3
-
0.02
-
mA
Maximum Internal Current Setpoint
Tj = 25
°C
Tj = -40
°C to +125°C
ILimit
3
1.010
0.979
1.063
-
1.116
1.127
V
Default Internal Setpoint for Skip Cycle Operation and Standby
Detection
Vskip
3
600
750
900
mV
Default Internal Setpoint to Leave Standby
Vstby-out
-
1.0
1.25
1.5
V
Propagation Delay from CS Detected to Gate Turned Off (VGate = 10 V)
(Pin 5 Loaded by 1.0 nF)
TDEL CS
3
-
90
180
ns
Leading Edge Blanking Duration
TLEB
3
100
200
350
ns
Soft-Start Period (Note 3)
SS
-
-
2.5
-
ms
Temperature Shutdown, Maximum Value (Note 3)
TSD
-
150
165
-
°C
Hysteresis while in Temperature Shutdown (Note 3)
TSD hyste
-
-
25
-
°C
3. Verified by Design.


Similar Part No. - NCP1230D133R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230D133R2G ONSEMI-NCP1230D133R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230D133R2G ONSEMI-NCP1230D133R2G Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
More results

Similar Description - NCP1230D133R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com