Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-8410N Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # IRM-8410N
Description  Single unit type module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-8410N Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  IRM-8410N Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-8410N Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Device Number: DMO-841-001
REV:
1.1
MODEL NO:
IRM-8410/N
ECN:
Page:
8/9
■ Reliability test item and condition:
The reliability of products shall be satisfied with items listed below.
Confidence level: 90%
LTPD: 10%
Samples(n)
Test Items
Test Conditions
Failure Judgement
Criteria
Defective(c)
Operation life
Vcc=5V,Ta:25℃
1000hrs
n=22,c=0
Temperature
cycle
1 cycle
-20℃ +25℃ +70℃
(30min) 5min (30min)
50 cycle test
n=22,c=0
Thermal shock
-10℃
to
+70℃
(5min) (10sec) (5min)
50 cycle test
L
0≦ L× 0.8
L
45≦ L× 0.8
n=22,c=0
High temperature
storage
Temp: +70℃
1000hrs
n=22,c=0
Low temperature
storage
Temp: -20℃
1000hrs
n=22,c=0
High temperature
High humidity
Ta: 85℃
RH:85%
1000hrs
n=22,c=0
Solder heat
Temp: 260± 5℃ 5sec
4mm Form the bottom of the
package.
L: Lower
specification limit
n=22,c=0
Solderability
Temp: 230± 5℃ 5sec
4mm Form the bottom of the
package.
More than 90% of
Lead to be covered
by soldering
n=22,c=0


Similar Part No. - IRM-8410N

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8601K-1 EVERLIGHT-IRM-8601K-1 Datasheet
244Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S EVERLIGHT-IRM-8601S Datasheet
233Kb / 8P
   Infrared Remote-control Receiver Module
IRM-8601S EVERLIGHT-IRM-8601S Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-1 EVERLIGHT-IRM-8601S-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-2 EVERLIGHT-IRM-8601S-2 Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-8410N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
RSG Electronic Componen...
PBA75F RSG-PBA75F Datasheet
138Kb / 2P
   Unit type
PAA75F RSG-PAA75F Datasheet
105Kb / 2P
   Unit type
PAA300F RSG-PAA300F Datasheet
105Kb / 2P
   Unit type
PBA10F RSG-PBA10F Datasheet
142Kb / 2P
   Unit type
PBA30F RSG-PBA30F Datasheet
134Kb / 2P
   Unit type
PBA15F RSG-PBA15F Datasheet
135Kb / 2P
   Unit type
PBA1000F RSG-PBA1000F Datasheet
160Kb / 2P
   Unit type
PBA100F RSG-PBA100F Datasheet
155Kb / 2P
   Unit type
PBA150F RSG-PBA150F Datasheet
156Kb / 2P
   Unit type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com