Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA3351 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TFA3351
Description  IC for Electronic Ballasts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFA3351 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TFA3351 Datasheet HTML 1Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 2Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 6Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 7Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 8Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Pin 3
TR
Trigger and Turn-off Output
This pin realizes three functions:
• Delivery of trigger pulses with a repetition instalment of 960 µs, a pulse width of 1 µs and a current flow of
600 mA with 10
Ω resistance.
• Monitoring of the control signals up to a frequency of 100 kHz and a minimum amplitude of 400 mV. The
oscillation detector gates trigger pulses, if a minimum three periode burst indicated during the trigger pulse
repetition rate.
• Attenuation of the oscillations by a turn-off transistor with a low saturation voltage.
Negative pulses may be applied at pin TR according the specification. Negative voltage peaks can cause an
increase of the current consumption. An external Schottky diode between TR and ground prevents this.
Pin 4
GND
Connection to ground
Pin 5
EI
Error Indication
At pin 5 it is possible to indicate different error values.
A static error signal greater than 250 mV, which is supplied by a suitable network at pin 5 releases after one
second by means of an error enquiry cycle the storage of the error.
Furthermore the IC allows to supervise high-frequency oscillations.
An elaborate enquiry routine has been set up for secure and reliable acquisition of errors under consideration of
distortions. This routine consists of the valuation time of 840 µs with following evaluation time of 120 µs. These two
periods make the enquiry cycle repeating continuously, when no error signal is stored.
Signals with an amplitude > 250 mV and a minimum duration of 1 µs are valuated as errors. If such events happen
at least 4 times within a time window of 840 µs, or a level > 250 mV is statically applied, a counter starts to realize
a delay time of one second.
If those signals are detected again in the following valuation cycle, the error memory is setted.
This enquiry system saves that the RF-amplitude of the oscillating frequency is supervised, so that feed backs of
damaged lamps on the oscillation circuit would be detected. A valuation threshold of 250 mV is choiced because
of the low ohmic sense resistor, i.g. the emitter resistor of the ground connected switching transistor.
The kind of lamp damage is depending on the type and sample of lamp. That is the reason for an adaptive
network for error detection, therefore the input EI is universal applicable.
Pin 6
LW
Input of Lamp Change
This input serves to detect a lamp change and cause a re-start with simultaneous reset of the error memory.
Input LW detects whether a lamp is connected, when a voltage > 4.25 V is applied.
A voltage < 3.25 V indicates a lamp as removed.
Is a lamp exchanged after a stored error, the error memory is reset and the trigger stop is activated.
The circuit is blocked without lamp. By removal a lamp the trigger gate is opened.
With a normal lamp change under operational conditions, triggers are continuously generated with lamp removed,
therefore, the circuit starts oscillation immediately by exchange of lamp.
The switching level for lamp change will be provided by a special circuitry.
For internal testing purposes at the input LW will be applied a special test level that decreases the internal time
response by factor 16.
This divider factor is active, if VLW is more than 2 V above VCC, but limited by max.15 V. Pay attention that the
voltage difference between VCC and VLW do not has to increase above 6 V also in case of supply voltage break
down.
Pin 7
S
Switching Output
The switching output enables the control of the preheat duration of the coiled filament by means of an additional
circuit to be selected by the customer.
The switching output is an open collector output which is low active for one second during the phase of start. It is
able to drive a maximum current of 1 mA at a typical saturation voltage of 200 mV.
4
09/00
TFA3351


Similar Part No. - TFA3351

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
More results

Similar Description - TFA3351

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3354 ETC-TFA3354 Datasheet
123Kb / 12P
   Control and Monitoring IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
STMicroelectronics
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com