Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA3351 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TFA3351
Description  IC for Electronic Ballasts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFA3351 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TFA3351 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 6Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 7Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 8Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 9Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 10Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 11Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Values for Information (CClock = 82 pF)
Threshold for connecting the trigger pulses during
7
V
build-up phase
Threshold for release of the internal reset
8
V
Threshold for switching-off the control of the
6
V
turn-off transistor with set error memory
Delay of response with error detection
1
s
Duration for activation switching output
1
s
Duration needed for rating at least 4 pulse-shaped
840
µs
distortions or a static error signal with twice interro-
gation within delay time 1 sec
Control current of the turn-off transistor
10
mA
Temperature hysteresis for re-ignition
10
°C
after overtemperature switch-off
( pin TM is connected to ground )
09/00
TFA3351
7


Similar Part No. - TFA3351

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
More results

Similar Description - TFA3351

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3354 ETC-TFA3354 Datasheet
123Kb / 12P
   Control and Monitoring IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
STMicroelectronics
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com