Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN55D2494DR36 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RN55D2494DR36
Description  Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RN55D2494DR36 Datasheet(HTML) 4 Page - Vishay Siliconix

  RN55D2494DR36 Datasheet HTML 1Page - Vishay Siliconix RN55D2494DR36 Datasheet HTML 2Page - Vishay Siliconix RN55D2494DR36 Datasheet HTML 3Page - Vishay Siliconix RN55D2494DR36 Datasheet HTML 4Page - Vishay Siliconix RN55D2494DR36 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMF (Military RN and RL)
Metal Film Resistors, Military,
MIL-R-10509 Qualified, Type RN
and MIL-PRF-22684 Qualified, Type RL
Vishay Dale
Document Number: 31027
For technical questions, contact: ff2bresistors@vishay.com
www.vishay.com
Revision: 28-Aug-06
47
(RL series are color banded per MIL-PRF-22684)
MARKING
Characteristics: D = 100 ppm, C = 50 ppm, E = 25 ppm
Tolerance: F = 1 %, D = 0.5 %, C = 0.25 %, B = 0.1 %
Value = three significant figures and multiplier
J = JAN (joint Army - Navy) brand
RN50: (3 lines)
RN55, RN60, RN65, RN70 (4 lines)
J50D
1211
F137
J50D JAN, type, characteristic
1211 Value
F137 Tolerance & 3 digit date code
DALE
0137J
RN55D
1211F
Company Logo
4 digit date code and JAN brand
Type and characteristic
Value and Tolerance
PERFORMANCE
REQUIREMENT
MIL-R-10509
MIL-PRF-22684
CHARACTERISTIC D
CHARACTERISTIC C
CHARACTERISTIC E
MIL. Temperature Coefficient
+ 200 - 500 ppm/
°C
± 50 ppm/
°C
± 25 ppm/
°C
± 200 ppm/
°C
Applicable Vishay Dale
Temperature Coefficient
± 100 ppm/
°C
± 50 ppm/
°C
± 25 ppm/
°C
± 200 ppm/
°C
TEST
MIL. (Max.)
MIL. (Max.)
MIL. (Max.)
MIL. (Max.)
Thermal Shock
± 0.50 %
ΔR
± 0.25 %
ΔR
± 0.25 %
ΔR
± 1.00 %
ΔR
Short Time Overload
± 0.50 %
ΔR
± 0.25 %
ΔR
± 0.25 %
ΔR
± 0.50 %
ΔR
Low Temperature Operation
± 0.50 %
ΔR
± 0.25 %
ΔR
± 0.25 %
ΔR
± 0.50 %
ΔR
Moisture Resistance
± 1.50 %
ΔR
± 0.50 %
ΔR
± 0.50 %
ΔR
± 1.50 %
ΔR
Shock
± 0.50 %
ΔR
± 0.25 %
ΔR
± 0.25 %
ΔR
± 0.50 %
ΔR
Vibration
± 0.50 %
ΔR
± 0.25 %
ΔR
± 0.25 %
ΔR
± 0.50 %
ΔR
Load Life
± 1.00 %
ΔR
± 0.50 %
ΔR
± 0.50 %
ΔR
± 2.00 %
ΔR
Dielectric Withstanding Voltage
± 0.50 %
ΔR
± 0.25 %
ΔR
± 0.25 %
ΔR
± 0.50 %
ΔR
Effect of Solder
± 0.50 %
ΔR
± 0.10 %
ΔR
± 0.10 %
ΔR
± 0.50 %
ΔR


Similar Part No. - RN55D2494DR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results

Similar Description - RN55D2494DR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 11-Mar-10
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com