Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN55C10R0FR36 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RN55C10R0FR36
Description  Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RN55C10R0FR36 Datasheet(HTML) 1 Page - Vishay Siliconix

  RN55C10R0FR36 Datasheet HTML 1Page - Vishay Siliconix RN55C10R0FR36 Datasheet HTML 2Page - Vishay Siliconix RN55C10R0FR36 Datasheet HTML 3Page - Vishay Siliconix RN55C10R0FR36 Datasheet HTML 4Page - Vishay Siliconix RN55C10R0FR36 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Metal Film Resistors, Military,
MIL-R-10509 Qualified, Type RN
and MIL-PRF-22684 Qualified, Type RL
CMF (Military RN and RL)
Vishay Dale
www.vishay.com
For technical questions, contact: ff2bresistors@vishay.com
Document Number: 31027
44
Revision: 28-Aug-06
FEATURES
• Very low noise (- 40 dB)
• Very low voltage coefficient (5 ppm/V)
• Controlled temperature coefficient
• Flame retardant epoxy coating
• Commercial alternatives to military styles are available
with higher power ratings. See appropriate catalog or web
page
Vishay Dale commercial value range: Extended resistance ranges are available in commercial equivalent types. Please contact us by using the
email at the bottom of this page.
STANDARD ELECTRICAL SPECIFICATIONS
MIL
STYLE
VISHAY
DALE
MODEL
MAXIMUM
WORKING
VOLTAGE
VISHAY DALE® MILITARY APPROVED VALUE RANGE (
Ω)
DIELECTRIC
STRENGTH
VAC
MIL-R-10509
CHARACTERISTIC D
CHARACTERISTIC C
CHARACTERISTIC E
MIL-PRF-22684
RN50
CMF50
200
-
10R - 100K
10R - 100K
-
450
RN55
CMF55
200
10R - 301K
49R9 - 100K
49R9 - 100K
-
450
RN60
CMF60
300
10R - 1M
49R9 - 499K
49R9 - 499K
-
500
RN65
CMF65
350
10R - 2M
49R9 - 1M
49R9 - 1M
-
900
RN70
CMF70
500
10R - 2.49M
24R9 - 1M
24R9 - 1M
-
900
RL07
CMF07
250
--
-
51R - 150K
450
RL20
CMF20
350
--
-
4R3 - 470K
700
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CONDITION
Voltage Coefficient
ppm/V
5 when measured between 10 % and full rated voltage
Insulation Resistance
Ω≥ 1010 minimum dry; ≥ 108 minimum after moisture test
Operating Temperature Range
°C
- 65/+ 175 (see derating curves for military range)
Terminal Strength
Ib
5 pound pull test for RL07/RL20; 2 pound pull test for all others
Solderability
Continuous satisfactory coverage when tested in accordance
with MIL-R-10509 and MIL-PRF-22684


Similar Part No. - RN55C10R0FR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN55C10R0BB14143 VISHAY-RN55C10R0BB14143 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
RN55C10R0BB14143 VISHAY-RN55C10R0BB14143 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
RN55C10R0BB1488 VISHAY-RN55C10R0BB1488 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
RN55C10R0BB1488 VISHAY-RN55C10R0BB1488 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
RN55C10R0BBSL143 VISHAY-RN55C10R0BBSL143 Datasheet
154Kb / 5P
   Metal Film Resistors
Revision: 02-May-13
More results

Similar Description - RN55C10R0FR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 11-Mar-10
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 25-Aug-15
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com