Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA572-50A Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA572-50A
Description  7 Pin Single-in-Line Package Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA572-50A Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA572-50A Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7 Pin Single-in-Line Package Passive Delay Lines
50
5
1
2
0.3
EPA572-5A
50
10
2
3
0.5
EPA572-10A
50
20
4
6
0.8
EPA572-20A
50
30
6
9
1.2
EPA572-30A
50
40
8
12
1.8
EPA572-40A
50
50
10
15
2.3
EPA572-50A
50
60
12
18
2.5
EPA572-60A
50
70
14
22
3.5
EPA572-70A
50
80
16
24
4.2
EPA572-80A
50
90
18
27
4.5
EPA572-90A
50
100
20
28
5.2
EPA572-100A
Zo
DELAY
TAP
RISE
DCR
PCA
OHMS
nS ±5%
DELAYS
TIME
OHMS
PART
±10%
or
±5% or
nS
Max.
NUMBER
±2 nS†
±2 nS†
Max.
100
5
1
2
0.5
EPA572-5B
100
10
2
3.3
1.0
EPA572-10B
100
20
4
6
1.5
EPA572-20B
100
30
6
9
2.5
EPA572-30B
100
40
8
11
4.0
EPA572-40B
100
50
10
14
5.0
EPA572-50B
100
60
12
17
5.5
EPA572-60B
100
70
14
21
6.0
EPA572-70B
100
80
16
23
6.5
EPA572-80B
100
90
18
25
7.0
EPA572-90B
100
100
20
28
7.5
EPA572-100B
Zo
DELAY
TAP
RISE
DCR
PCA
OHMS nS ±5%
DELAYS
TIME
OHMS
PART
±10%
or
±5% or
nS
Max.
NUMBER
±2 nS †
±2 nS†
Max.
Package Dimensions
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
3 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
DSA572A/B Rev. B 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
†Whichever is greater.
4
3
2
1
5
6
7
OUT
GROUND
IN
.022
Typ.
.800 Max.
.100 Typ.
.130 Min.
.022
Min.
.250 Max.
.010
Typ.
.195
Max
PCA
EPA572-5A
Date Code
C
L


Similar Part No. - EPA572-50A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA572-50A PCA-EPA572-50A Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
More results

Similar Description - EPA572-50A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP1206XX PCA-EP1206XX_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP120650 PCA-EP120650 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA572 PCA-EPA572_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA3643-0.0 PCA-EPA3643-0.0 Datasheet
37Kb / 1P
   7 Pin Single-in-Line Passive Delay Lines
EP6700 PCA-EP6700_15 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EP6700-1 PCA-EP6700-1 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP123XXX PCA-EP123XXX_15 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com