Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C2001-12N1X Datasheet(PDF) 3 Page - STMicroelectronics

Part # M27C2001-12N1X
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-12N1X Datasheet(HTML) 3 Page - STMicroelectronics

  M27C2001-12N1X Datasheet HTML 1Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 2Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 3Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 4Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 5Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
M27C2001
Two Line Output Control
Because EPROMs are usually used in larger
memory arrays, this product features a 2 line con-
trol function which accommodates the use of mul-
tiple memory connection. The two line control
function allows:
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
For the most efficient use of these two control
lines, E should be decoded and used as the prima-
ry device selecting function, while G should be
made a common connection to all devices in the
array and connected to the READ line from the
system control bus. This ensures that all deselect-
ed memory devices are in their low power standby
mode and that the output pins are only active
when data is required from a particular memory
device.
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC
voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns.
3. Depends on range.
Table 3. Operating Modes
Note: X = VIH or VIL,VID = 12V ± 0.5V.
Table 4. Electronic Signature
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Mode
E
G
P
A9
VPP
Q0-Q7
Read
VIL
VIL
XX
VCC or VSS
Data Out
Output Disable
VIL
VIH
XX
VCC or VSS
Hi-Z
Program
VIL
VIH
VIL Pulse
X
VPP
Data In
Verify
VIL
VIL
VIH
XVPP
Data Out
Program Inhibit
VIH
XXX
VPP
Hi-Z
Standby
VIH
XXX
VCC or VSS
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
VCC
Codes
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
001
000
00
20h
Device Code
VIH
011
000
01
61h


Similar Part No. - M27C2001-12N1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001-12N1TR STMICROELECTRONICS-M27C2001-12N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C2001-12N1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com