Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650240RHBRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS650240RHBRG4
Description  Power Management ICs for Li-Ion Powered Systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650240RHBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS650240RHBRG4 Datasheet HTML 7Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 8Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 9Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 10Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 11Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 12Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 13Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 14Page - Texas Instruments TPS650240RHBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
EN_DCDC 1
ENABLE
VCC
VLDO 1
200 mA LDO
VLDO1
VLDO2
VINDCDC 1
VLDO 2
200 mA LDO
VIN_LDO
ENABLE
VIN
MODE
2.2 mF
2.2 mF
1mF
1R
10mF
TPS650240
EN_LDO
Vbat
PWRFAIL
AGND 1
I/Ovoltage
R19
L1
DEFDCDC 1
VDCDC1
PGND 1
DCDC1 (I/O)
STEP-DOWN
CONVERTER
1000 mA
2.2 mH
22 mF
R1
R2
EN_DCDC 2
VINDCDC 2
10mF
L2
DEFDCDC 2
VDCDC2
PGND 2
DCDC 2
(memory)
STEP-DOWN
CONVERTER
800 mA
2.2 mH
22 mF
R3
R4
EN_DCDC 3
VINDCDC 3
10mF
L3
DEFDCDC 3
VDCDC 3
PGND 3
DCDC 3 (core)
STEP-DOWN
CONVERTER
800 mA
2.2uH
22 mF
R5
R6
Vbat
Vbat
Vbat
Vdd_alive
VLDO 3
30 mA LDO
2.2 mF
1.2 V
3.3Vor 2.8V
2.5Vor 1.8V
1.0Vor 1.3V
VCC
PWRFAIL _SNS
Vbat
Vref=1V
+
-
R9
R10
AGND2
PWM / PFM
EN_Vdd_aliv
e
ENABLE
1.0V / 1.3V
R7
R8
ENABLE
ENABLE
TPS650240
,, TPS650241
TPS650242, TPS650243
TPS650244, TPS650245
SLVS774A – JUNE 2007 – REVISED DECEMBER 2007
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650240RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240RHBRG4 TI-TPS650240RHBRG4 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBRG4 TI-TPS650240RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBRG4 TI1-TPS650240RHBRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650240RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com