Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1223-02SO Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CM1223-02SO
Description  Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1223-02SO Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CM1223-02SO Datasheet HTML 5Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 6Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 7Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 8Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 9Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 10Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 11Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 12Page - California Micro Devices Corp CM1223-02SO Datasheet HTML 13Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
10
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 08/02/06
CM1223
Mechanical Details
The CM1223 is available in SOT143-4, SOT23-5,
SOT23-6, and MSOP-10 packages with a lad-free fin-
ishing option. The various package drawings are pre-
sented below.
SOT143 Mechanical Specifications
Dimensions for CM1223-02SS/SR devices supplied in
4-pin SOT143 packages are presented below.
For complete information on the SOT143, see the Cali-
fornia Micro Devices SOT143 Package Information
document.
Package Dimensions for SOT143.
PACKAGE DIMENSIONS
Package
SOT143
Pins
4
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.22
0.031
0.048
A1
0.05
0.15
0.002
0.006
b
0.30
0.50
0.012
0.019
b2
0.76
0.89
0.030
0.035
c
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.119
E
2.10
2.64
0.082
0.103
E1
1.20
1.40
0.047
0.055
e
1.92 BSC
0.075 BSC
e1
0.20 BSC
0.008 BSC
L
0.4
0.6
0.016
0.024
L1
0.54 REF
0.021 REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
TOP VIEW
43
e
E1 E
b2
A
SIDE VIEW
L
END VIEW
D
A1
c
12
b
e1
L1


Similar Part No. - CM1223-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223-02SO ONSEMI-CM1223-02SO Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223-02SO ONSEMI-CM1223-02SO Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
More results

Similar Description - CM1223-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com