Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3DV520ERHURG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV520ERHURG4
Description  5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV520ERHURG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS3DV520ERHURG4 Datasheet HTML 1Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 2Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 3Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 4Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 5Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 6Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 7Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 8Page - Texas Instruments TS3DV520ERHURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
TQFN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
45
31
30
29
40
39
38
37
36
35
34
33
32
44
43
42
41
48
46
47
GND
A0
A1
VCC
N.C.
GND
A2
A3
GND
VCC
A4
A5
GND
A6
A7
GND
SEL
VCC
A8
A9
0B1
1B1
0B2
1B2
GND
2B1
3B1
2B2
3B2
GND
VCC
4B1
5B1
4B2
5B2
GND
6B1
7B1
6B2
7B2
GND
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TS3DV520E
5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH
FOR DVI/HDMI APPLICATIONS
SCDS240 – JUNE 2007
www.ti.com
• Compatible With HDMI v1.2a (Type A) DVI 1.0
High-Speed Digital Interface
Wide Bandwidth of Over 1.65 Gbps
(Bandwidth 1.9 Gbps Typ)
165-MHz Speed Operation
Serial Data Stream at 10
× Pixel Clock Rate
Supports All Video Formats up to 1080p
and SXGA (1280
× 1024 at 75 Hz)
Total Raw Capacity 4.95 Gbps (Single Link)
HDCP Compatible
• Low Crosstalk (X
TALK = –37 dB Typ)
• Low Bit-to-Bit Skew (t
sk(o) = 0.1 ns Max)
• Low and Flat ON-State Resistance
(ron = 4 Ω Typ, ron(flat) = 0.5 Ω Typ)
• Low Input/Output Capacitance
(CON = 8 pF Typ)
• Rail-to-Rail Switching on Data I/O Ports
(0 to 3.6 V)
• V
CC Operating Range From 3 V to 3.6 V
• I
off Supports Partial-Power-Down Mode
Operation (VCC = VIN = 0 V)
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
14000-V Human-Body Model
(A114-B, Class II)
N.C. – No internal connection
• DVI/HDMI Signal Switching
• Differential DVI, HDMI Signal Multiplexing for
Audio/Video Receivers and High-Definition
Televisions (HDTVs)
The TS3DV520E is a 20-bit to 10-bit multiplexer/demultiplexer digital video switch with a single select (SEL)
input. SEL controls the data path of the multiplexer/demultiplexer. The device provides five differential channels
for digital video signal switching.
This device provides low and flat ON-state resistance (ron) and excellent ON-state resistance match. Low
input/output capacitance, high bandwidth, low skew, and low crosstalk among channels make this device suitable
for various digital video applications, such as DVI and HDMI.
This device is specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
Voltage on the SEL pin should be less or equal to VCC, even in the power-down mode (VCC = 0 V).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3DV520ERHURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV520ERHURG4 TI-TS3DV520ERHURG4 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

Similar Description - TS3DV520ERHURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E_10 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_08 Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_09 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
[Old version datasheet]   3-TO-1 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com