Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND04GW4B2DN6E Datasheet(PDF) 8 Page - Numonyx B.V

Part # NAND04GW4B2DN6E
Description  4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND04GW4B2DN6E Datasheet(HTML) 8 Page - Numonyx B.V

Back Button NAND04GW4B2DN6E Datasheet HTML 4Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 5Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 6Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 7Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 8Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 9Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 10Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 11Page - Numonyx B.V NAND04GW4B2DN6E Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Description
NAND04G-B2D, NAND08G-BxC
8/69
Two further features are available as options:
Extra non-volatile protection.
An individual serial number that acts as an unique identifier.
More information is available, upon completion of an NDA (non-disclosure agreement), and
therefore, the details are not described in this datasheet. For more information on these two
options, contact your nearest Numonyx Sales office.
The devices are available in the TSOP48 (12 x 20 mm) and LGA52 (12 x 17 mm) packages.
To meet environmental requirements, Numonyx offers the NAND04G-B2D and NAND08G-
BxC in ECOPACK® packages.
For information on how to order these options, refer to Table 34: Ordering information
scheme. Devices are shipped from the factory with block 0 always valid and the memory
content bits, in valid blocks, erased to ’1’.
Table 2: Product description lists the part numbers and other information for all the devices
able in the family.
Table 2.
Product description
Part Number
Density
Bus
width
Page
size
Block
size
Memory
array
Operating
voltage
Timings
Package
Sequential
access
time (min)
Random
access
time (max)
Page
Program
(typ)
Block
Erase
(typ)
NAND04GR3B2D
4 Gb
x8
2048+64
bytes
128 K+
4 K bytes
64 pages
x 4096
blocks
1.7 to
1.95 V
45 ns
25 µs
200 µs
1.5ms
LGA52
NAND04GW3B2D
2.7 to
3.6 V
25 ns
TSOP48
LGA52
NAND04GR4B2D
x16
1024+
32 words
64 K +
2 K words
1.7 to
1.95 V
45 ns
(1)
NAND04GW4B2D
2.7 to
3.6 V
25 ns
NAND08GR3B2C
8 Gb
x8
2048+64
bytes
128 K +
4 K bytes
64 pages
x 8192
blocks
1.7 to
1.95 V
45 ns
25 µs
200 µs
1.5ms
LGA52(2)
NAND08GW3B2C
2.7 to
3.6 V
25 ns
TSOP48
LGA52(2)
NAND08GR4B2C
x16
1024+
32 words
64 K +
2 K words
1.7 to
1.95 V
45 ns
(1)(2)
NAND08GW4B2C
2.7 to
3.6 V
25 ns
NAND08GR3B4C
x8
2048+64
bytes
128 K +
4 K bytes
1.7 to
1.95 V
45 ns
LGA52(2)
NAND08GW3B4C
x8
2.7 to
3.6 V
25 ns
1.
x16 organization is only available for MCP products.
2.
The NAND08G-BxC is composed of two 4-Gbit dice.


Similar Part No. - NAND04GW4B2DN6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND04GW4B STMICROELECTRONICS-NAND04GW4B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results

Similar Description - NAND04GW4B2DN6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com