Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2303BDS Datasheet(PDF) 1 Page - Sumida Corporation

Part # SI2303BDS
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SI2303BDS Datasheet(HTML) 1 Page - Sumida Corporation

  SI2303BDS Datasheet HTML 1Page - Sumida Corporation SI2303BDS Datasheet HTML 2Page - Sumida Corporation SI2303BDS Datasheet HTML 3Page - Sumida Corporation SI2303BDS Datasheet HTML 4Page - Sumida Corporation SI2303BDS Datasheet HTML 5Page - Sumida Corporation SI2303BDS Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si2303BDS
Document Number: 72065
S-80642-Rev. C, 24-Mar-08
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
b
- 30
0.200 at VGS = - 10 V
- 1.64
0.380 at VGS = - 4.5 V
- 1.0
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Si2303BDS (L3)*
* Marking Code
Ordering Information: Si2303BDS-T1
Si2303BDS-T1-E3 (Lead (Pb)-free)
Si2303BDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Pulse width limited by maximum junction temperature.
b. Surface Mounted on FR4 board, t
≤ 5 s.
c. Surface Mounted on FR4 board.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
b
TA = 25 °C
ID
- 1.64
- 1.49
A
TA = 70 °C
- 1.31
- 1.2
Pulsed Drain Currenta
IDM
- 10
Continuous Source Current (Diode Conduction)b
IS
- 0.75
- 0.6
Power Dissipationb
TA = 25 °C
PD
0.9
0.7
W
TA = 70 °C
0.57
0.45
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
RthJA
120
145
°C/W
Maximum Junction-to-Ambientc
140
175
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - SI2303BDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2303BDS VISHAY-SI2303BDS Datasheet
40Kb / 5P
   P-Channel, 30-V (D-S) MOSFET
Rev. A, 04-Nov-02
logo
Guangdong Kexin Industr...
SI2303BDS KEXIN-SI2303BDS Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2303BDS-3 KEXIN-SI2303BDS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2303BDS-HF KEXIN-SI2303BDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2303BDS-HF-3 KEXIN-SI2303BDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Similar Description - SI2303BDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com