Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBT16211ADGGRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # 74CBT16211ADGGRG4
Description  24-BIT FET BUS SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBT16211ADGGRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74CBT16211ADGGRG4 Datasheet HTML 6Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 7Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 8Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 9Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 10Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 11Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 12Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 13Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - 74CBT16211ADGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16211ADGGRE4 TI-74CBT16211ADGGRE4 Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
More results

Similar Description - 74CBT16211ADGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH BUS HOLD
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com