Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV16800DL Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74CBTLV16800DL
Description  LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16800DL Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBTLV16800DL Datasheet HTML 1Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 2Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 3Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 4Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 5Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 6Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 7Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 8Page - Texas Instruments SN74CBTLV16800DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN74CBTLV16800
LOW-VOLTAGE 20-BIT FET BUS SWITCH
WITH PRECHARGED OUTPUTS
SCDS045J – DECEMBER 1997 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
Ioff
A port
VCC = 0,
VI or VO = 0 to 3.6 V
10
µA
IO
VCC = 3 V,
BIASV = 2.4 V,
VO= 0,
OE = VCC
0.25
mA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
10
µA
∆I
CC
(2)
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
4.5
pF
Cio(OFF)
VO = 3 V or 0,
Switch off,
BIASV = Open
6.5
pF
II = 64 mA
5
9
VI = 0
VCC = 2.3 V,
II = 24 mA
5
9
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
25
35
ron(3)
II = 64 mA
5
7
VI = 0
VCC = 3 V
II = 24 mA
5
7
VI = 2.4 V,
II = 15 mA
8
15
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
(3)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
TEST
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
CONDITIONS
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd(1)
A or B
B or A
0.15
0.25
ns
tPZH
BIASV = GND
2.9
7.7
2.2
5.5
OE
A or B
ns
tPZL
BIASV = 3 V
2.8
6.4
2.1
5.3
tPHZ
BIASV = GND
1.4
6.8
2.6
7.6
OE
A or B
ns
tPLZ
BIASV = 3 V
1.3
4.2
1.5
5.1
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
4


Similar Part No. - SN74CBTLV16800DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16800DL TI-SN74CBTLV16800DL Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - SN74CBTLV16800DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16800 TI-SN74CBTLV16800 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV16800 IDT-IDT74CBTLV16800 Datasheet
76Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800_14 Datasheet
98Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com