Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV3125DRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74CBTLV3125DRE4
Description  LOW - voltage quadruple fet bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3125DRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CBTLV3125DRE4 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 9Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 10Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 11Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 12Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 13Page - Texas Instruments SN74CBTLV3125DRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74CBTLV3125DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125DRE4 TI-SN74CBTLV3125DRE4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125DRE4 TI-SN74CBTLV3125DRE4 Datasheet
788Kb / 20P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE GET BUS SWITCH
More results

Similar Description - SN74CBTLV3125DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125_15 Datasheet
217Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com