Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV157ANSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV157ANSR
Description  QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV157ANSR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV157ANSR Datasheet HTML 1Page - Texas Instruments SN74LV157ANSR Datasheet HTML 2Page - Texas Instruments SN74LV157ANSR Datasheet HTML 3Page - Texas Instruments SN74LV157ANSR Datasheet HTML 4Page - Texas Instruments SN74LV157ANSR Datasheet HTML 5Page - Texas Instruments SN74LV157ANSR Datasheet HTML 6Page - Texas Instruments SN74LV157ANSR Datasheet HTML 7Page - Texas Instruments SN74LV157ANSR Datasheet HTML 8Page - Texas Instruments SN74LV157ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54LV157A, SN74LV157A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS397F − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 7.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC, TA = 25°C
D Ioff Supports Partial-Power-Down-Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’LV157A devices are quadruple 2-line to
1-line data selectors/multiplexers designed for
2-V to 5.5-V VCC operation.
These devices contain inverters and drivers to
supply full data selection to the four output gates.
A separate strobe (G) input is provided. A 4-bit
word is selected from one of two sources and is
routed to the four outputs. The ’LV157A devices
present true data.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 40
SN74LV157AD
LV157A
SOIC − D
Reel of 2500
SN74LV157ADR
LV157A
SOP − NS
Reel of 2000
SN74LV157ANSR
74LV157A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV157ADBR
LV157A
−40
°C to 85°C
Tube of 90
SN74LV157APW
TSSOP − PW
Reel of 2000
SN74LV157APWR
LV157A
TSSOP − PW
Reel of 250
SN74LV157APWT
LV157A
TVSOP − DGV
Reel of 2000
SN74LV157ADGVR
LV157A
CDIP − J
Tube of 25
SNJ54LV157AJ
SNJ54LV157AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV157AW
SNJ54LV157AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV157AFK
SNJ54LV157AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A/B
1A
1B
1Y
2A
2B
2Y
GND
VCC
G
4A
4B
4Y
3A
3B
3Y
SN54LV157A ...J OR W PACKAGE
SN74LV157A ...D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
4B
NC
4Y
3A
1B
1Y
NC
2A
2B
SN54LV157A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74LV157ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV157ANSR TI-SN74LV157ANSR Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN74LV157ANSR TI-SN74LV157ANSR Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157ANSRE4 TI-SN74LV157ANSRE4 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN74LV157ANSRE4 TI-SN74LV157ANSRE4 Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157ANSRG4 TI-SN74LV157ANSRG4 Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74LV157ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com