Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV3125PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTLV3125PW
Description  LOW - voltage quadruple fet bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3125PW Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBTLV3125PW Datasheet HTML 1Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 2Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 3Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 4Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 5Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 6Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 7Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 8Page - Texas Instruments SN74CBTLV3125PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN74CBTLV3125
LOW VOLTAGE QUADRUPLE FET BUS SWITCH
SCDS037J − DECEMBER 1997 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
1A
1OE
SW
1B
2A
2OE
SW
2B
3A
3OE
SW
3B
4A
4OE
SW
4B
2
1
5
4
3
6
9
10
12
13
8
11
Pin numbers shown are for the D, DGV, NS, PW, and RGY packages.
simplified schematic, each FET switch
A
(OE)
B


Similar Part No. - SN74CBTLV3125PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125PW TI-SN74CBTLV3125PW Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125PW TI-SN74CBTLV3125PW Datasheet
788Kb / 20P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE GET BUS SWITCH
SN74CBTLV3125PWE4 TI-SN74CBTLV3125PWE4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125PWE4 TI-SN74CBTLV3125PWE4 Datasheet
788Kb / 20P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE GET BUS SWITCH
SN74CBTLV3125PWG4 TI-SN74CBTLV3125PWG4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Similar Description - SN74CBTLV3125PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125_15 Datasheet
217Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com