Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWG-N505 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # HPWG-N505
Description  SnapLED High Mount Stop Light Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWG-N505 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  HPWG-N505 Datasheet HTML 1Page - Lumileds Lighting Company HPWG-N505 Datasheet HTML 2Page - Lumileds Lighting Company HPWG-N505 Datasheet HTML 3Page - Lumileds Lighting Company HPWG-N505 Datasheet HTML 4Page - Lumileds Lighting Company HPWG-N505 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Absolute Maximum Ratings at T
A = 25°C
Parameter
HPWG-N5xx
Units
DC Input Operating Voltage[1]
16
V
Power Dissipation
7.0
W
Reverse Voltage (IR = 200 μA)
500
V
Operating Temperature Range(12.8V-13.5V) [2]
-
40 to +85
°C
Storage Temperature Range
-
55 to +100
°C
LED Junction Temperature
125
°C
High Temperature Chamber
125 (2 hrs.)
°C
Optical and Electrical Characteristics
Operational Forward Voltage
VF (Volts)
Color Dominant Wavelength
λ
d (nm)
[1,2]
Device type
Min.
Max.
Min.
Max.
HPWG-N50x
9
16
611
634
SnapLED High Mount Stop Light Array
Document #: DS29 (09/01/02)
Notes:
1.
16V operation is allowed at
Tambient=25°C only.
2.
Temperature range for sustained
operation based on Rth-junction-
ambient=12.9°C/W.
Notes:
1.
The dominant wavelength is
derived from the CIE Chromaticity
Diagram and represents the
perceived color of the device.
2.
The dominant wavelength does not
vary between emitters by more
than 8nm within the same
assembly.


Similar Part No. - HPWG-N505

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWG-N510 LUMILEDS-HPWG-N510 Datasheet
131Kb / 5P
   SnapLED Six LED MultiFunction Signal
More results

Similar Description - HPWG-N505

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
   SnapLED
WP7701C4SEC-J KINGBRIGHT-WP7701C4SEC-J Datasheet
459Kb / 5P
   SnapLED
WP7701C4ZGC KINGBRIGHT-WP7701C4ZGC Datasheet
460Kb / 5P
   SnapLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com