Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWA-DH00 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # HPWA-DH00
Description  SuperFlux LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWA-DH00 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button HPWA-DH00 Datasheet HTML 2Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 3Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 4Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 5Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 6Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 7Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 8Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 9Page - Lumileds Lighting Company HPWA-DH00 Datasheet HTML 10Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SuperFlux LEDs Technical Datasheet DS05 (11/07)
6
Figures
1
0.0
0.5
1.0
350
400
450
500
550
600
650
WAVELENGTH (nm)
HPWN-MC00
HPWN-MG00
HPWN-MB00
Figure 1a. Relative Intensity vs. Wavelength
Figure 1b. Relative Intensity vs. Wavelength (HPWN)
0
10
20
30
40
50
60
70
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
FORWARD VOLTAGE (V)
Figure 2a. Forward Current vs. Forward Voltage
0
10
20
30
40
50
60
70
0
204060
80
100
AMBIENT TEMPERATURE (C)
Rth(j-a) = 300 C/W
Rth(j-a) = 600 C/W
Rth(j-a) = 500 C/W
Rth(j-a) = 400 C/W
0
10
20
30
40
50
60
70
0
20406080
100
AMBIENT TEMPERATURE (C)
Rth(j-a) = 300 C/W
Rth(j-a) = 600 C/W
Rth(j-a) = 500 C/W
Rth(j-a) = 400 C/W
Figure 4b. HPWTxx00 Maximum DC Forward Current
vs. Ambient Temperature.
0
10
20
30
40
50
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE - (C)
Rth(j-a) = 400
Rth(j-a) = 300
Rth(j-a) = 500
Rth(j-a) = 600
Figure 4c. HPWNxx00 Maximum DC Forward Current
vs. Ambient Temperature.
Figure 4a. HPWAxx00 Maximum DC Forward Current
vs. Ambient Temperature.
Figure 3. HPWA/HPWTxx00 Relative Luminous Flux
vs. Forward Current.
Figure 2b. Forward Current vs. Forward Voltage
HPWA
HPWT
1. All Figures Typical unless indicated as Maximum.
Note: 1.24mm2 of Cu pad per emitter at cathode lead is recommended for lowest thermal resistance.


Similar Part No. - HPWA-DH00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPWA-DH00 HP-HPWA-DH00 Datasheet
137Kb / 6P
   Super Flux LEDs
More results

Similar Description - HPWA-DH00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com