Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWT-MD00-XXXX Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # HPWT-MD00-XXXX
Description  SuperFlux LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWT-MD00-XXXX Datasheet(HTML) 5 Page - Lumileds Lighting Company

  HPWT-MD00-XXXX Datasheet HTML 1Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 2Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 3Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 4Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 5Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 6Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 7Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 8Page - Lumileds Lighting Company HPWT-MD00-XXXX Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SuperFlux LEDs Technical Datasheet DS05 (11/07)
5
Electrical Characteristics at T
A=25°C
Table 4.
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
VFF ((VVoollttss))
R
Re
ev
ve
errs
se
e B
Brre
ea
ak
kd
do
ow
wn
n
C
Ca
ap
pa
ac
ciitta
an
nc
ce
e
T
Th
he
errm
ma
all
@
@
V
VRR ((V
Vo
olltts
s))[[11]]
C
C ((p
pF
F))
R
Re
es
siis
stta
an
nc
ce
e
S
Sp
pe
ee
ed
d o
off
IIFF == 7700m
mA
A ((H
HP
PW
WA
A,, H
HP
PW
WT
T))
@
@ IIRR =
= 1
10
00
0
V
VFF =
= 0
0,,
R
R
θθ
J
J P
PIIN
N
R
Re
es
sp
po
on
ns
se
e
IIFF == 5500 m
mA
A ((H
HP
PW
WN
N))
μμAA
F
F =
= 1
1M
MH
Hz
z..
((°°C
C//W
W))
τss ((nnss)) [[22]]
D
De
ev
viic
ce
e
T
Ty
yp
pe
e
M
Miin
n
T
Ty
yp
p
M
Ma
ax
x
M
Miin
n
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
HPWAxH00
1.83
2.2
2.67
10
20
40
155
20
HPWTxD00
2.19
2.6
3.03
10
20
40
125
20
HPWTxH00
2.19
2.6
3.03
10
20
40
125
20
HPWTxL00
2.19
2.6
3.15
10
20
40
125
20
HPWNxB00
3.00
3.8
4.60
0.55
0.65
1900
130
20
HPWNxC00
3.00
3.8
4.60
0.55
0.65
1900
130
20
HPWNxG00
3.00
3.9
4.60
0.55
0.65
1900
130
20
Notes:
1. Operation in reverse bias is not recommended.
2.
τs is the time constant, e t/τs.


Similar Part No. - HPWT-MD00-XXXX

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-MD02 LUMILEDS-HPWT-MD02 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWT-MD02-00000 LUMILEDS-HPWT-MD02-00000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWT-MD02-D4000 LUMILEDS-HPWT-MD02-D4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWT-MD02-E4000 LUMILEDS-HPWT-MD02-E4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWT-MD02-F4000 LUMILEDS-HPWT-MD02-F4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
More results

Similar Description - HPWT-MD00-XXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com