Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6211-15VZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HIP6211-15VZ
Description  Dual Low Noise LDO in 3mm횞3mm MLF?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HIP6211-15VZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HIP6211-15VZ Datasheet HTML 1Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 2Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 3Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 4Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 5Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 6Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 7Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 8Page - List of Unclassifed Manufacturers HIP6211-15VZ Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HIP Technologies Inc. Tel: 408-982-9882 Fax:408-982-9594 www.hipsemi.com
6
HIP6211
Dual Low Noise LDO in 3mm×3mm MLFTM
Operating Region and Power Dissipation
The HIP6211 maximum power dissipation depends
on 1) the thermal resistance of the case and circuit
board, 2) the temperature difference between the
die junction and ambient, and 3) the rate of airflow.
The power dissipation across the device is:
P = Iout ( Vin – Vout )
The maximum power dissipation is:
Pmax = (Tj – Ta) / (
θjc + θca)
Where (Tj – Ta) is the temperature difference
between the HIP6211 die junction and the ambient
air;
θjc is the thermal resistance of the package;
and
θca is the thermal resistance through the PC
board, copper traces, and other materials to the
surrounding air.
The GND pin of the HIP6211 performs the dual
function of providing an electrical connection to
ground and channeling heat away. Connect the
GND pin to ground using a large pad or ground
plane.
Noise Reduction
For the HIP6211, an external 0.01
µF bypass
capacitor between BYP and GND with innovative
noise bypass scheme reduces output noises
dramatically, exhibiting 100
µVrms of output voltage
noise with Cbyp = 0.01
µF and Cout = 1µF.
Application Information
Capacitor Selection and Regulator Stability
Use a 1
µF capacitor on the HIP6211 input and a
1
µF capacitor on the output. Large input capacitor
values and lower ESRs provide better noise
rejection and line-transient response.
Reduce output noise and improve load-transient
response, stability, and power-supply rejection by
using large output capacitors. Note that some
ceramic dielectrics exhibit large capacitance and
ESR variation with temperature. With dielectrics
such as Z5U and Y5V, it may be necessary to use a
1
µF or larger output capacitor to ensure stability at
temperatures below -10
°C. With X7R or X5R
dielectrics, 1
µF is sufficient at all operating
temperatures. A graph of the region of stable Cout
ESR vs. load current is shown in the Typical
Characteristics.
Use a 0.01
µF bypass capacitor at BYP for low-
output voltage noise. The leakage current going
into the BYP pin should be less than 10nA.
Noise, PSRR, and Transient Response
The HIP6211 are designed to deliver ultra-low noise
and high PSRR, as well as low dropout and low
quiescent currents in battery-powered systems. The
HIP6211 PSRR is 75dB at 100Hz and 70dB at 10kHz
(see
the
Power-Supply
Rejection
Ratio
vs.
Frequency graph in the Typical Characteristic).
When operating from sources other than batteries,
improved supply-noise rejection and transient
response can be achieved by increasing the values
of the input and output bypass capacitors, and
through passive filtering techniques. The Typical
Characteristics show the HIP6211 line and load
transient responses.
Dropout Voltage
A regulator’s minimum dropout voltage determines
the lowest usable supply voltage. In battery-
powered systems, this determines the useful end-
of-life battery voltage. Because the HIP6211 use a
P-channel MOSFET pass transistor, their dropout
voltage is a function of drain-to-source on
resistance (RDS (on)) multiplied by the load current
(see the Typical Characteristics).


Similar Part No. - HIP6211-15VZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6200 INTERSIL-HIP6200 Datasheet
87Kb / 9P
   Transient Voltage Regulator DeCAPitator?
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
logo
Intersil Corporation
HIP6200CB INTERSIL-HIP6200CB Datasheet
87Kb / 9P
   Transient Voltage Regulator DeCAPitator?
logo
Renesas Technology Corp
HIP6200CB RENESAS-HIP6200CB Datasheet
556Kb / 9P
   Transient Voltage Regulator DeCAPitator
February 5, 2015
logo
Intersil Corporation
HIP6201 INTERSIL-HIP6201 Datasheet
87Kb / 9P
   Transient Voltage Regulator DeCAPitator?
More results

Similar Description - HIP6211-15VZ

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211_07 Datasheet
261Kb / 9P
   Dual Low Noise LDO in 3mm횞3mm MLF
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com